Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 83 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 83 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 79Page - ESS Technology,Inc ES9822PRO Datasheet HTML 80Page - ESS Technology,Inc ES9822PRO Datasheet HTML 81Page - ESS Technology,Inc ES9822PRO Datasheet HTML 82Page - ESS Technology,Inc ES9822PRO Datasheet HTML 83Page - ESS Technology,Inc ES9822PRO Datasheet HTML 84Page - ESS Technology,Inc ES9822PRO Datasheet HTML 85Page - ESS Technology,Inc ES9822PRO Datasheet HTML 86Page - ESS Technology,Inc ES9822PRO Datasheet HTML 87Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
83
ES9822 PRO Product Datasheet
Register 83-82: INVERT GPIO
Bits
[15:11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
5'b00000
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[15:11]
RESERVED
NA
[10]
INVERT_GPIO11
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO11 output
[9]
INVERT_GPIO10
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO10 output
[8]
INVERT_GPIO9
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO9 output
[7]
INVERT_GPIO8
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO8 output
[6]
INVERT_GPIO7
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO7 output
[5]
INVERT_GPIO6
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO6 output
[4]
INVERT_GPIO5
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO5 output
[3]
INVERT_GPIO4
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO4 output
[2]
INVERT_GPIO3
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO3 output
[1]
INVERT_GPIO2
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO2 output
[0]
INVERT_GPIO1
•
1'b0: Non-invert (default)
•
1'b1: Invert GPIO1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com