Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 32Page - ESS Technology,Inc ES9822PRO Datasheet HTML 33Page - ESS Technology,Inc ES9822PRO Datasheet HTML 34Page - ESS Technology,Inc ES9822PRO Datasheet HTML 35Page - ESS Technology,Inc ES9822PRO Datasheet HTML 36Page - ESS Technology,Inc ES9822PRO Datasheet HTML 37Page - ESS Technology,Inc ES9822PRO Datasheet HTML 38Page - ESS Technology,Inc ES9822PRO Datasheet HTML 39Page - ESS Technology,Inc ES9822PRO Datasheet HTML 40Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
36
Power Consumption
Test Conditions (unless otherwise noted)
TA = 25oC, AVCC = AVCCL = AVCCR = +4.5V, AVDD = +3.3V, fs = 48kHz, MCLK = 49.152MHz, I2S output, with -1dBFS input signal
MCLK of 49.152Mhz is good for all sample rates
Parameter
Min
Typ
Max
Unit
Supply Current during
48kHz 2ch mode
AVCC
26.5
mA
AVDD
15.2
mA
Standby
AVCC
3
uA
AVDD
0.02
uA
Table 21 - 49.152Mhz MCLK Power Consumption
Test Conditions (unless otherwise noted)
TA = 25oC, AVCC = AVCCL = AVCCR = +4.5V, AVDD = +3.3V, fs = 48kHz, MCLK = 24.576MHz, I2S output, with -1dBFS input signal
MCLK of 24.576Mhz is good for sample rates up to 192kHz
Parameter
Min
Typ
Max
Unit
Supply Current during
48kHz 2ch mode
AVCC
26.4
mA
AVDD
12.9
mA
Standby
AVCC
3
uA
AVDD
0.02
uA
Table 22 - 24.576MHz MCLK Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com