Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 51 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 51 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 47Page - ESS Technology,Inc ES9822PRO Datasheet HTML 48Page - ESS Technology,Inc ES9822PRO Datasheet HTML 49Page - ESS Technology,Inc ES9822PRO Datasheet HTML 50Page - ESS Technology,Inc ES9822PRO Datasheet HTML 51Page - ESS Technology,Inc ES9822PRO Datasheet HTML 52Page - ESS Technology,Inc ES9822PRO Datasheet HTML 53Page - ESS Technology,Inc ES9822PRO Datasheet HTML 54Page - ESS Technology,Inc ES9822PRO Datasheet HTML 55Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
51
ES9822 PRO Product Datasheet
Register 4: ADC CLOCK CONFIG4
Bits
[7]
[6:4]
[3:2]
[1]
[0]
Default
1'b0
3'd0
2'b00
1'b0
1'b0
Bits
Mnemonic
Description
[7]
FORCE_PHASE_CLK_IADC
Sets phase of CLK_IADC by PHASE_CLK_IADC.
•
1'b0: Auto phase tuning if
AUTO_CLK_IADC_PHASE_SYNC is set (default)
•
1'b1: Sets phase by PHASE_CLK_IADC
[6:4]
PHASE_CLK_IADC
Sets phase of CLK_IADC relative to SYS_CLK when
FORCE_PHASE_CLK_IADC is set. For 48M SYS_CLK and
24M CLK_IADC only.
•
3'd0: Phase 0 (default)
•
3'd1: Phase 1
•
others: Reserved
[3:2]
RESERVED
NA
[1]
INVERT_SAMPLE_CLOCK_CH2
Inverts ADC Ch2 data sampling clock.
•
1'b0: Not inverted (default)
•
1'b1: Inverted
[0]
INVERT_SAMPLE_CLOCK_CH1
Inverts ADC Ch1 data sampling clock.
•
1'b0: Not inverted (default)
•
1'b1: Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com