Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9822PRO Datasheet(PDF) 42 Page - ESS Technology,Inc

Part # ES9822PRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Datasheet(HTML) 42 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 38Page - ESS Technology,Inc ES9822PRO Datasheet HTML 39Page - ESS Technology,Inc ES9822PRO Datasheet HTML 40Page - ESS Technology,Inc ES9822PRO Datasheet HTML 41Page - ESS Technology,Inc ES9822PRO Datasheet HTML 42Page - ESS Technology,Inc ES9822PRO Datasheet HTML 43Page - ESS Technology,Inc ES9822PRO Datasheet HTML 44Page - ESS Technology,Inc ES9822PRO Datasheet HTML 45Page - ESS Technology,Inc ES9822PRO Datasheet HTML 46Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
42
Register Map
Addr
(Hex)
Addr
(Dec)
Register
7
6
5
4
3
2
1
0
0x0
0
SYS CONFIG
SOFT_RESET
OUTPUT_SEL
RESERVED
ENABLE_2X_M
ODE
RESERVED
MONO_MODE
RESERVED
0x1
1
ADC CLOCK CONFIG1
ENABLE_DATA_IN
_CH2B
ENABLE_DATA_IN
_CH1B
ENABLE_DATA_IN_
CH2A
ENABLE_DAT
A_IN_CH1A
ENABLE_ADC_
CH2B
ENABLE_ADC_CH
1B
ENABLE_ADC_
CH2A
ENABLE_ADC_CH1
A
0x2
2
ADC CLOCK CONFIG2
RESERVED
SELECT_ADC_HALF
SELECT_ADC_NUM
0x3
3
ADC CLOCK CONFIG3
OUTPUT2_SEL
FORCE_OUTPUT2
INVERT_FIRS
T_CLK_SAMP
LE2
SELECT_IADC_
HALF
SELECT_IADC_NUM
0x4
4
ADC CLOCK CONFIG4
FORCE_PHASE_C
LK_IADC
PHASE_CLK_IADC
RESERVED
INVERT_SAMPL
E_CLOCK_CH2
INVERT_SAMPLE_C
LOCK_CH1
0x5
5
RAW DATA AND
SPDIF CONFIG
SELECT_RAW_DATA_NUM
RAW_DATA_CLK_DI
V2
RAW_DATA_D
DR
ENABLE_RAW_
DATA_CLK
ENABLE_SPDIF_C
LK
RESERVED
0x6
6
DSD CONFIG
RESERVED
DSD_DDR
DSD_MASTER
_MODE
RESERVED
ENABLE_DSD_
CLK_CH2
ENABLE_DSD_CLK_
CH1
0x7
7
DSD AND I2S/TDM
MASTER CLK CONFIG
MASTER_WS_SCALE
DSD_CLK_DIV
2
SELECT_DSD_NUM
0x8
8
I2S/TDM MASTER
MODE CONFIG
MASTER_BCK_DI
V1
MASTER_WS_IDL
E
MASTER_FRAME_LENGTH
MASTER_WS_P
ULSE_MODE
MASTER_BCK_IN
VERT
MASTER_WS_I
NVERT
MASTER_MODE_EN
ABLE
0x9
9
I2S/TDM MASTER CLK
CONFIG
SELECT_I2S_TDM
_HALF
SELECT_I2S_TDM_NUM
0xA
10
TDM CONFIG1
TDM_BIT_DELAY
TDM_VALID_EDG
E
TDM_LJ
ENABLE_TDM_CLK
0xB
11
TDM CONFIG2
TDM_GPIO456
TDM_CASCADE
TDM_LENGTH
TDM_CH_NUM
0xC
12
TDM SLOT CONFIG
CH1
RESERVED
TDM_SLOT_SEL_CH1
0xD
13
TDM SLOT CONFIG
CH2
RESERVED
TDM_SLOT_SEL_CH2
0xE
14
RESERVED
RESERVED
0xF
15
RESERVED
RESERVED
0x10
16
RESERVED
RESERVED
0x11
17
RAW DATA MAPPING
RESERVED
RAW_DATA_MAPPING_CH2
RAW_DATA_MAPPING_CH1
0x12
18
PCM DATA OUTPUT
MAPPING
RESERVED
OUTPUT_MAPPING_CH2
OUTPUT_MAPPING_CH1
0x13
19
DSD DATA OUTPUT
MAPPING
RESERVED
DSD_MAPPING_CH2
DSD_MAPPING_CH1
0x14
20
TPDF DITHER LEVEL
RESERVED
DITHER_SCALE
0x15
21
DITHER MASK
DITHER_MASK
0x16
22
DITHER MASK
DITHER_MASK
0x17
23
FS GEN PHASE
CONTROL
DSD_SYNC_TO_1
FS
FS_PHASE
0x18-
0x1A
24-26
RESERVED
RESERVED
0x1B
27
INTERRUPT
RESERVED
INTERRUPT_CLEAR
_CH2_CLIP_DETEC
TION
INTERRUPT_
CLEAR_CH1_
CLIP_DETECT
ION
RESERVED
INTERRUPT_MA
SK_CH2_CLIP_
DETECTION
INTERRUPT_MASK_
CH1_CLIP_DETECTI
ON
0x20-
0x1C
32-28
SPDIF CONFIG
SPDIF_CS
0x21
33
DSD DITHER SCALE
AND SYNC CONTROL
SYNC_POSEDGE
_FRAME
DISABLE_SYNC_
REF
FORCE_FIR_SYNC
DSD_DITHER_SCALE
0x22
34
SYNC CONTROL
AUTO_ADC_CLKD
IV_SYNC
AUTO_CLK_IADC_
PHASE_SYNC
AUTO_DSD_PHASE
_SYNC
AUTO_WS_PH
ASE_SYNC
AUTO_ICG_EN_
SYNC
AUTO_ICG_SYNC
AUTO_FIR_SYN
C
AUTO_FS_SYNC
0x23
35
ASP1 CONFIG
RESERVED
SELECT_ASP1_NUM
ENABLE_ASP1_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com