Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 19 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology SST25VF080B Datasheet HTML 22Page - Microchip Technology SST25VF080B Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 19
SST25VF080B
6.0
DC CHARACTERISTICS
TABLE 6-1:
DC OPERATING CHARACTERISTICS
Symbol
Parameter
Limits
Test Conditions
Min.
Max.
Unit
IDDR1
Read Current
—
10
mA
CE# = 0.1 VDD/0.9 VDD@25 MHz, SO = Open
IDDR2
Read Current
—
15
mA
CE# = 0.1 VDD/0.9 VDD@50 MHz, SO = Open
IDDW
Program and Erase Current
—
30
mA
CE# = VDD
ISB
Standby Current
—
30
µA
CE# = VDD, VIN = VDD or VSS
ILI
Input Leakage Current
—
1
µA
VIN = GND to VDD, VDD = VDD Max
ILO
Output Leakage Current
—
1
µA
VOUT = GND to VDD, VDD = VDD Max
VIL
Input Low Voltage
—
0.8
V
VDD = VDD Min
VIH
Input High Voltage
0.7 VDD
—
V
VDD = VDD Max
VOL1
Output Low Voltage
—
0.2
V
IOL = 100 µA, VDD = VDD Min
VOL2
Output Low Voltage
—
0.4
V
IOL = 1.6 mA, VDD = VDD Min
VOH
Output High Voltage
VDD-0.2
—
V
IOH = -100 µA, VDD = VDD Min
TABLE 6-2:
Capacitance (TA = 25°C, f = 1 MHz, Other Pins Open)
Parameter
Description
Test Condition
Maximum
COUT(1)
Output Pin Capacitance
VOUT = 0V
12 pF
CIN(1)
Input Capacitance
VIN = 0V
6 pF
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.
TABLE 6-3:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Unit
Test Method
NEND(1)
Endurance
10,000
Cycles
JEDEC Standard A117
TDR(1)
Data Retention
100
Years
JEDEC Standard A103
ILTH(1)
Latch Up
100 + IDD
mA
JEDEC Standard 78
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com