Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 10 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 6Page - Microchip Technology SST25VF080B Datasheet HTML 7Page - Microchip Technology SST25VF080B Datasheet HTML 8Page - Microchip Technology SST25VF080B Datasheet HTML 9Page - Microchip Technology SST25VF080B Datasheet HTML 10Page - Microchip Technology SST25VF080B Datasheet HTML 11Page - Microchip Technology SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 10
SST25VF080B
4.4.4
AUTO ADDRESS INCREMENT (AAI)
WORD PROGRAM
The AAI program instruction allows multiple bytes of
data to be programmed without re-issuing the next
sequential address location. This feature decreases
total programming time when multiple bytes or entire
memory array is to be programmed. An AAI Word pro-
gram instruction pointing to a protected memory area
will be ignored. The selected address range must be in
the erased state (FFH) when initiating an AAI Word
Program operation. While within AAI Word program-
ming sequence, only the following instructions are
valid: for software end of write detection—AAI Word
(ADH), WRDI (04H), and RDSR (05H); for hardware end
of write detection—AAI Word (ADH) and WRDI (04H).
There are three options to determine the completion of
each AAI Word program cycle: hardware detection by
reading the Serial Output, software detection by polling
the BUSY bit in the software STATUS Register, or wait
TBP. Refer to
Section 4.4.5 “End of Write Detection”
for details.
Prior to any write operation, the Write Enable (WREN)
instruction must be executed. Initiate the AAI Word
Program instruction by executing an 8-bit command,
ADH, followed by address bits [A23-A0]. Following the
addresses, two bytes of data are input sequentially,
each one from MSb (Bit 7) to LSb (Bit 0). The first byte
of data (D0) is programmed into the initial address [A23-
A1] with A0 = 0, the second byte of Data (D1) is pro-
grammed into the initial address [A23-A1] with A0 = 1.
CE# must be driven high before executing the AAI
Word Program instruction. Check the Busy status
before entering the next valid command. Once the
device indicates it is no longer busy, data for the next
two sequential addresses may be programmed, fol-
lowed by the next two, and so on.
When programming the last desired word, or the high-
est unprotected memory address, check the busy sta-
tus using either the hardware or software (RDSR
instruction) method to check for program completion.
Once programming is complete, use the applicable
method to terminate AAI. If the device is in Software
End of Write Detection mode, execute the Write-Dis-
able (WRDI) instruction, 04H. If the device is in AAI
Hardware End of Write Detection mode, execute the
Write Disable (WRDI) instruction, 04H, followed by the
8-bit DBSY command, 80H. There is no wrap mode
during AAI programming once the highest unprotected
memory address is reached. See Figure 4-8 and
Figure 4-9 for the AAI Word programming sequence.
4.4.5
END OF WRITE DETECTION
There are three methods to determine completion of a
program cycle during AAI Word programming: hard-
ware detection by reading the Serial Output, software
detection by polling the BUSY bit in the Software STA-
TUS Register, or wait TBP. The Hardware End of Write
detection method is described in the section below.
4.4.6
HARDWARE END OF WRITE
DETECTION
The Hardware End of Write detection method elimi-
nates the overhead of polling the BUSY bit in the Soft-
ware STATUS Register during an AAI Word program
operation. The 8-bit command, 70H, configures the
Serial Output (SO) pin to indicate Flash Busy status
during AAI Word programming. (see Figure 4-6) The
8-bit command, 70H, must be executed prior to initiat-
ing an AAI Word Program instruction. Once an internal
programming operation begins, asserting CE# will
immediately drive the status of the internal flash status
on the SO pin. A ‘0’ indicates the device is busy and a
‘1’ indicates the device is ready for the next instruction.
De-asserting CE# will return the SO pin to tri-state.
While in AAI and Hardware End of Write detection
mode, the only valid instructions are AAI Word (ADH)
and WRDI (04H).
To exit AAI Hardware End of Write detection, first exe-
cute WRDI instruction, 04H, to reset the Write Enable
Latch bit (WEL = 0) and AAI bit. Then execute the 8-bit
DBSY command, 80H, to disable RY/BY# status during
the AAI command. See Figure 4-7 and Figure 4-8.
FIGURE 4-6:
ENABLE SO AS
HARDWARE RY/BY#
DURING AAI
PROGRAMMING
FIGURE 4-7:
DISABLE SO AS
HARDWARE RY/BY#
DURING AAI
PROGRAMMING
CE#
SO
SI
SCK
0 1 234 5 6 7
70
MS
H
I
MODE 0
MODE 3
CE#
SO
SI
SCK
0 1 234 5 6 7
80
MS
H
I
MODE 0
MODE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com