Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 28 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 24Page - Microchip Technology SST25VF080B Datasheet HTML 25Page - Microchip Technology SST25VF080B Datasheet HTML 26Page - Microchip Technology SST25VF080B Datasheet HTML 27Page - Microchip Technology SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology SST25VF080B Datasheet HTML 31Page - Microchip Technology SST25VF080B Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 28
SST25VF080B
2-IN
1-IN
0.65 BSC
BOTTOM VIEW
A1 CORNER
TOP VIEW
16-xfbga-ZC Z1 C-25VF080B-018
1mm
SIDE VIEW
SEATING PLANE
0.10 0 .015
0.40 max
0.35 nom
0.30 min
0.05
BA
2-OUT
1-OUT
2-IN
1-IN
2-OUT
1-OUT
D
C
B
A
INNER SECTION
VIEW
INNER SECTION
DETAIL
ø0.25
0. 03
(16X)
Note:
1. This specific package is not registered in JEDEC Publication 95.
2. All linear dimensions are in millimeters.
3.
recommends underfill for best solder joint reliability.
4. Top View body tolerance is 0.05 mm.
5. Coplanarity is 0.05 mm.
6. Ball width at interface to package body is 0.25 mm ( 0. 03 mm).
0.50 BSC
0.50
2.0
BSC BSC
A1 INDICATOR (engraved)
C
D
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com