Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 31 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 31 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 25Page - Microchip Technology SST25VF080B Datasheet HTML 26Page - Microchip Technology SST25VF080B Datasheet HTML 27Page - Microchip Technology SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology SST25VF080B Datasheet HTML 31Page - Microchip Technology SST25VF080B Datasheet HTML 32Page - Microchip Technology SST25VF080B Datasheet HTML 33Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 31
SST25VF080B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO. –XX
Device
Device:
SST25VF080B = 8 Mbit, 2.7V-3.6V, SPI Flash Memory
Operating
Frequency:
50
= 50 MHz/66 MHz
Minimum
Endurance:
4
= 10,000 cycles
Temperature
Range:
I
= -40C to +85C (Industrial)
C
= 0C to +70C (Commercial)
Package:
P
= PDIP (300 mil Body), 8-lead
S2
= SOIC (200 mil Body), 8-lead
Q
= WSON (6 mm x 5 mm Body), 8-contact
Z
= XFBGA Z-Scale (2 mm x 2 mm Body), 16-bump
Package
Modifier:
A
= 8 leads or contacts
C
= 16 bumps
Environmental
Attribute:
E
= Matte Tin finish
F
= Nickel plating with Gold top (outer) layer finish or Matte Tin finish
Tape and Reel
Indicator:
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Valid Combinations:
a)
SST25VF080B-50-4C-S2AF
b)
SST25VF080B-50-4C-S2AF-T
c)
SST25VF080B-50-4I-S2AF
d)
SST25VF080B-50-4I-S2AF-T
e)
SST25VF080B-50-4I-S2AE
f)
SST25VF080B-50-4I-S2AE-T
g)
SST25VF080B-50-4C-QAF
h)
SST25VF080B-50-4C-QAF-T
i)
SST25VF080B-50-4I-QAF
j)
SST25VF080B-50-4I-QAF-T
k)
SST25VF080B-50-4I-QAE
l)
SST25VF080B-50-4I-QAE-T
m)
SST25VF080B-50-4C-PAE
n)
SST25VF080B-50-4I-ZCE
Note 1: Tape and Reel identi-
fier only appears in
the catalog part num-
ber description. This
identifier is used for
ordering
purposes
and is not printed on
the device package.
Check
with
your
Microchip
Sales
Office for package
availability with the
Tape and Reel option.
Operating
Frequency
Temp
–
Range
Minimum
Endurance
XX
(1)
Environmental
–
Attribute
Package
XXX
Package
Modifier
[X]
Tape and Reel
Indicator
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com