Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 29 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 29 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 25Page - Microchip Technology SST25VF080B Datasheet HTML 26Page - Microchip Technology SST25VF080B Datasheet HTML 27Page - Microchip Technology SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology SST25VF080B Datasheet HTML 31Page - Microchip Technology SST25VF080B Datasheet HTML 32Page - Microchip Technology SST25VF080B Datasheet HTML 33Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 29
SST25VF080B
9.0
REVISION HISTORY
Revision D (March 2020)
Updated standby current. Updated formatting to
current template. Updated package drawings to latest
versions. Added package marking section. Updated
Product Identification System Nickel plating note.
Added 16-ball XFBGA package.
Revision C (February 2015)
Corrected a typo on page 8.
Revision B (June 2014)
EOL of all 80 MHz parts. Replacement parts are the 50
MHz counterparts found in this document. Removed all
80 MHz information. See DS20005266. EOL of SAE
package. Updated document to new format. Replaced
all package drawings with drawings in the new format.
Revision A (September 2011)
Added “Power-Up Specifications” on page 21. Updated
Table 5-7 on page 21. Released document under letter
revision system. Updated Spec number from S71296 to
DS25045.
Revision 05 (February 2011)
Updated “Auto Address Increment (AAI) Word-Pro-
gram”, “End of Write Detection”, and “Hardware End of
Write Detection” on page 10. Revised Figures 4-8 and
4-9 on page 11. Updated document to new format.
Added SAE package drawing and SAE information.
Revision 04 (January 2010)
Added 80 MHz High Speed Clock Frequency to Fea-
tures. Removed Maximum Frequency from Table 4-4
on page 7. Edited “Read (25 MHz)” on page 8 and
“High-Speed-Read (66 MHz)” on page 8. Added 80
MHz information to “Electrical Specifications” on page
18. Edited Product Ordering Information. Added Valid
Combinations SST25VF080B-80-4C-S2AE,
SST25VF080B-80-4I-S2AE,
SST25VF080B-80-4C-QAE, and
SST25VF080B-80-4I-QAE.
Revision 03 (March 2009)
Modified “Features”, “Features”, “Pin Description”,
“Packaging Diagrams” and “Packaging Diagrams” to
include the PAE package. Updated Figures 4-8 and 4-
9 on page 11.
Revision 02 (June 2007)
Updated Features. Updated Table 4-4 on page 7.
Updated “High-Speed-Read (66 MHz)” on page 8.
Updated Table 5-6 on page 19.
Revision 01 (January 2006)
Migrated document to a Data Sheet. Updated Surface
Mount Solder Reflow Temperature information.
Revision 00 (September 2005)
Initial release of the document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com