Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 14 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 10Page - Microchip Technology SST25VF080B Datasheet HTML 11Page - Microchip Technology SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 14
SST25VF080B
4.4.12
WRITE DISABLE (WRDI)
The Write Disable (WRDI) instruction resets the Write-
Enable-Latch bit and AAI bit to ‘0’ disabling any new
Write operations from occurring. The WRDI instruction
will not terminate any programming operation in prog-
ress. Any program operation in progress may continue
up to TBP after executing the WRDI instruction. CE#
must be driven high before the WRDI instruction is exe-
cuted.
FIGURE 4-16:
WRITE DISABLE (
WRDI)
SEQUENCE
4.4.13
ENABLE WRITE STATUS REGISTER
(EWSR)
The Enable Write STATUS Register (EWSR) instruction
arms the Write STATUS Register (WRSR) instruction
and opens the STATUS Register for alteration. The
Write STATUS Register instruction must be executed
immediately after the execution of the Enable Write
STATUS Register instruction. This two-step instruction
sequence of the EWSR instruction followed by the WRSR
instruction works like SDP (software data protection)
command structure which prevents any accidental
alteration of the STATUS Register values. CE# must be
driven low before the EWSR instruction is entered and
must be driven high before the EWSR instruction is exe-
cuted.
4.4.14
WRITE STATUS REGISTER (WRSR)
The Write STATUS Register instruction writes new val-
ues to the BP3, BP2, BP1, BP0, and BPL bits of the
STATUS Register. CE# must be driven low before the
command sequence of the WRSR instruction is entered
and driven high before the WRSR instruction is exe-
cuted. See Figure 4-17 for EWSR or WREN and WRSR
instruction sequences.
Executing the Write STATUS Register instruction will
be ignored when WP# is low and BPL bit is set to ‘1’.
When the WP# is low, the BPL bit can only be set from
‘0’ to ‘1’ to lock-down the STATUS Register, but cannot
be reset from ‘1’ to ‘0’. When WP# is high, the lock-
down function of the BPL bit is disabled and the BPL,
BP0, and BP1 and BP2 bits in the STATUS Register
can all be changed. As long as BPL bit is set to ‘0’ or
WP# pin is driven high (VIH) prior to the low-to-high
transition of the CE# pin at the end of the WRSR instruc-
tion, the bits in the STATUS Register can all be altered
by the WRSR instruction. In this case, a single WRSR
instruction can set the BPL bit to ‘1’ to lock down the
STATUS register as well as altering the BP0, BP1, and
BP2 bits at the same time. See Table 4-1 for a sum-
mary description of WP# and BPL functions.
FIGURE 4-17:
ENABLE WRITE STATUS REGISTER (
EWSR) OR WRITE ENABLE (WREN) AND
WRITE STATUS REGISTER (WRSR) SEQUENCE
CE#
SO
SI
SCK
0 1 234 5 6 7
04
MS
H
I
MODE 0
MODE 3
MODE 3
High-Impedance
MODE 0
STATUS
REGISTER IN
7 65 4321 0
MS
MS
MS
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 234 5 6 7
0 1 234 5 6 789 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com