Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 3 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 3 Page - Microchip Technology

  SST25VF080B Datasheet HTML 1Page - Microchip Technology SST25VF080B Datasheet HTML 2Page - Microchip Technology SST25VF080B Datasheet HTML 3Page - Microchip Technology SST25VF080B Datasheet HTML 4Page - Microchip Technology SST25VF080B Datasheet HTML 5Page - Microchip Technology SST25VF080B Datasheet HTML 6Page - Microchip Technology SST25VF080B Datasheet HTML 7Page - Microchip Technology SST25VF080B Datasheet HTML 8Page - Microchip Technology SST25VF080B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 3
SST25VF080B
2.0
PIN DESCRIPTION
FIGURE 2-1:
PIN ASSIGNMENTS
TABLE 2-1:
PIN DESCRIPTION
Symbol Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock input,
while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
Outputs Flash busy status during AAI Programming when reconfigured as RY/BY#
pin. See
Section 4.4.5 “End of Write Detection” for details.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for the
duration of any command sequence.
WP#
Write-Protect
The Write-Protect (WP#) pin is used to enable/disable BPL bit in the STATUS register.
HOLD# Hold
To temporarily stop serial communication with SPI flash memory without resetting the
device.
VDD
Power Supply
To provide power supply voltage:2.7V-3.6V for SST25VF080B.
VSS
Ground
Pin Assignment for 16-Ball XFBGA
2-IN
1-IN
D
C
B
A
2-OUT
1-OUT
SI
SCK HOLD# VDD
VSS WP#
SO
CE#
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
1
2
3
4
8
7
6
5
Pin Assignment for 8-Lead PDIP
Top View
Pin Assignment for 8-Lead SOIC
Pin Assignment for 8-Contact WSON
Top View
8
7
6
5
1
2
3
4
CE#
SO
WP#
V
SS
V
DD
HOLD#
SCK
SI
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
1
2
3
4
8
7
6
5
Top View
Top View
(Balls Facing Down)
Note 1: Outer bumps are connected to the inner bumps, but are not electrically tested. The outer bumps are used for mechanical support.
For footprint compatibility with other SST ZScale™ Packages, electrical connection to the eight inner bumps is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com