Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 12 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 8Page - Microchip Technology SST25VF080B Datasheet HTML 9Page - Microchip Technology SST25VF080B Datasheet HTML 10Page - Microchip Technology SST25VF080B Datasheet HTML 11Page - Microchip Technology SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 12
SST25VF080B
4.4.7
4-KBYTE SECTOR ERASE
The Sector Erase instruction clears all bits in the
selected 4-Kbyte sector to FFH. A Sector Erase
instruction applied to a protected memory area will be
ignored. Prior to any Write operation, the Write Enable
(WREN) instruction must be executed. CE# must remain
active-low for the duration of any command sequence.
The Sector Erase instruction is initiated by executing
an 8-bit command, 20H, followed by address bits [A23-
A0]. Address bits [AMS-A12] (AMS = Most Significant
address) are used to determine the sector address
(SAX), remaining address bits can be VIL or VIH. CE#
must be driven high before the instruction is executed.
The user may poll the BUSY bit in the Software STA-
TUS Register or wait TSE for the completion of the inter-
nal self-timed Sector Erase cycle. See Figure 4-10 for
the Sector Erase sequence.
FIGURE 4-10:
SECTOR ERASE SEQUENCE
4.4.8
32-KBYTE AND 64-KBYTE BLOCK
ERASE
The 32-Kbyte Block Erase instruction clears all bits in
the selected 32 Kbyte block to FFH. A Block Erase
instruction applied to a protected memory area will be
ignored. The 64-Kbyte Block-Erase instruction clears
all bits in the selected 64 Kbyte block to FFH. A Block
Erase instruction applied to a protected memory area
will be ignored. Prior to any Write operation, the Write
Enable (WREN) instruction must be executed. CE# must
remain active-low for the duration of any command
sequence. The 32-Kbyte Block Erase instruction is ini-
tiated by executing an 8-bit command, 52H, followed by
address bits [A23-A0]. Address bits [AMS-A15]
(AMS = Most Significant Address) are used to deter-
mine block address (BAX), remaining address bits can
be VIL or VIH. CE# must be driven high before the
instruction is executed. The 64-Kbyte Block Erase
instruction is initiated by executing an 8-bit command
D8H, followed by address bits [A23-A0]. Address bits
[AMS-A15] are used to determine block address (BAX),
remaining address bits can be VIL or VIH. CE# must be
driven high before the instruction is executed. The user
may poll the BUSY bit in the Software STATUS Regis-
ter or wait TBE for the completion of the internal self-
timed 32-Kbyte Block Erase or 64-Kbyte Block Erase
cycles. See Figure 4-11 and Figure 4-12 for the 32-
Kbyte Block Erase and 64-Kbyte Block Erase
sequences.
FIGURE 4-11:
32-KBYTE BLOCK ERASE
SEQUENCE
FIGURE 4-12:
64-KBYTE BLOCK ERASE
SEQUENCE
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
20
MS
H
I
15 16
23 24
31
MODE 0
MODE 3
MS
CE#
SO
SI
SCK
ADDR
0 1 234 5 6 78
ADDR
ADDR
52
MSB
H
I
15 16
23 24
31
MODE 0
MODE 3
MSB
CE#
SO
SI
SCK
ADDR
0 1 234 5 6 78
ADDR
ADDR
D8
MSB
H
I
15 16
23 24
31
MODE 0
MODE 3
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com