Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 6 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 2Page - Microchip Technology SST25VF080B Datasheet HTML 3Page - Microchip Technology SST25VF080B Datasheet HTML 4Page - Microchip Technology SST25VF080B Datasheet HTML 5Page - Microchip Technology SST25VF080B Datasheet HTML 6Page - Microchip Technology SST25VF080B Datasheet HTML 7Page - Microchip Technology SST25VF080B Datasheet HTML 8Page - Microchip Technology SST25VF080B Datasheet HTML 9Page - Microchip Technology SST25VF080B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 6
SST25VF080B
4.3.3
AUTO ADDRESS INCREMENT (AAI)
The Auto Address Increment Programming Status bit
provides status on whether the device is in AAI pro-
gramming mode or Byte-Program mode. The default at
power up is Byte-Program mode.
4.3.4
BLOCK PROTECTION (BP3,BP2,
BP1, BP0)
The Block Protection (BP3, BP2, BP1, BP0) bits define
the size of the memory area, as defined in Table 4-3, to
be software protected against any memory write (pro-
gram or erase) operation. The Write STATUS Register
(WRSR) instruction is used to program the BP3, BP2,
BP1 and BP0 bits as long as WP# is high or the Block
Protect Lock (BPL) bit is ‘0’. Chip Erase can only be
executed if Block Protection bits are all ‘0’. After power-
up, BP3, BP2, BP1 and BP0 are set to ‘1’.
4.3.5
BLOCK PROTECTION LOCK-DOWN
(BPL)
WP# pin driven low (VIL), enables the Block Protection
Lock Down (BPL) bit. When BPL is set to ‘1’, it prevents
any further alteration of the BPL, BP3, BP2, BP1, and
BP0 bits. When the WP# pin is driven high (VIH), the
BPL bit has no effect and its value is “don’t care”. After
power-up, the BPL bit is reset to ‘0’.
TABLE 4-3:
SOFTWARE STATUS REGISTER BLOCK PROTECTION FOR SST25VF080B()
Protection Level
STATUS Register Bit
Protected Memory Address
BP3
BP2
BP1
BP0
8 Mbits
None
X
0
0
0
None
Upper 1/16
X
0
0
1
F0000H-FFFFFH
Upper 1/8
X
0
1
0
E0000H-FFFFFH
Upper 1/4
X
0
1
1
C0000H-FFFFFH
Upper 1/2
X
1
0
0
80000H-FFFFFH
All Blocks
X
1
0
1
00000H-FFFFFH
All Blocks
X
1
1
0
00000H-FFFFFH
All Blocks
X
1
1
1
00000H-FFFFFH
Note 1: X = “Don’t care” (RESERVED) default is ‘0’.
2: Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com