Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 99Page - STMicroelectronics STM32G431C6 Datasheet HTML 100Page - STMicroelectronics STM32G431C6 Datasheet HTML 101Page - STMicroelectronics STM32G431C6 Datasheet HTML 102Page - STMicroelectronics STM32G431C6 Datasheet HTML 103Page - STMicroelectronics STM32G431C6 Datasheet HTML 104Page - STMicroelectronics STM32G431C6 Datasheet HTML 105Page - STMicroelectronics STM32G431C6 Datasheet HTML 106Page - STMicroelectronics STM32G431C6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 198 page
background image
DS12589 Rev 6
103/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.3.8
Internal clock source characteristics
The parameters given in Table 42 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 42. HSI16 oscillator characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 Frequency
VDD=3.0 V, TA=30 °C
15.88
-
16.08 MHz
TRIM
HSI16 user trimming step
Trimming code is not a
multiple of 64
0.2
0.3
0.4
%
Trimming code is a
multiple of 64
-4
-6
-8
DuCy(HSI16)(2)
2. Guaranteed by design.
Duty Cycle
-
45
-
55
%
∆Temp(HSI16)
HSI16 oscillator frequency
drift over temperature
TA= 0 to 85 °C
-1
-
1
%
TA= -40 to 125 °C
-2
-
1.5
%
∆VDD(HSI16)
HSI16 oscillator frequency
drift over VDD
VDD=1.62 V to 3.6 V
-0.1
-
0.05
%
tsu(HSI16)(2)
HSI16 oscillator start-up
time
--
0.8
1.2
μs
tstab(HSI16)(2)
HSI16 oscillator
stabilization time
--
3
5
μs
IDD(HSI16)(2)
HSI16 oscillator power
consumption
--
155
190
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com