Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 103Page - STMicroelectronics STM32G431C6 Datasheet HTML 104Page - STMicroelectronics STM32G431C6 Datasheet HTML 105Page - STMicroelectronics STM32G431C6 Datasheet HTML 106Page - STMicroelectronics STM32G431C6 Datasheet HTML 107Page - STMicroelectronics STM32G431C6 Datasheet HTML 108Page - STMicroelectronics STM32G431C6 Datasheet HTML 109Page - STMicroelectronics STM32G431C6 Datasheet HTML 110Page - STMicroelectronics STM32G431C6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 198 page
background image
DS12589 Rev 6
107/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.3.10
Flash memory characteristics
Table 46. Flash memory characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Typ
Max
Unit
tprog
64-bit programming time
-
81.7
83.35
µs
tprog_row
One row (32 double
word) programming time
Normal programming
2.61
2.7
ms
Fast programming
1.91
1.95
tprog_page
One page (2 Kbytes)
programming time
Normal programming
20.91
21.34
Fast programming
15.29
15.6
tERASE
Page (2 Kbytes) erase
time
-
22.02
24.47
tprog_bank
One bank (128 Kbyte)
programming time
Normal programming
1.34
1.49
s
Fast programming
0.98
1.09
tME
Mass erase time
-
22.13
24.6
ms
IDD
Average consumption
from VDD
Write mode
3.5
-
mA
Erase mode
3.5
-
Maximum current (peak)
Write mode
7 (for 6 µs)
-
Erase mode
7 (for 67 µs)
-
Table 47. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization results.
Unit
NEND
Endurance
TA = -40 to +105 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2. Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
15
1 kcycle(2) at TA = 125 °C
7
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com