Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G431C6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 100Page - STMicroelectronics STM32G431C6 Datasheet HTML 101Page - STMicroelectronics STM32G431C6 Datasheet HTML 102Page - STMicroelectronics STM32G431C6 Datasheet HTML 103Page - STMicroelectronics STM32G431C6 Datasheet HTML 104Page - STMicroelectronics STM32G431C6 Datasheet HTML 105Page - STMicroelectronics STM32G431C6 Datasheet HTML 106Page - STMicroelectronics STM32G431C6 Datasheet HTML 107Page - STMicroelectronics STM32G431C6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
104/198
DS12589 Rev 6
Figure 23. HSI16 frequency versus temperature
High-speed internal 48 MHz (HSI48) RC oscillator
Table 43. HSI48 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 Frequency
VDD=3.0V, TA=30°C
-
48
-
MHz
TRIM
HSI48 user trimming step
-
-
0.11(2)
0.18(2)
%
USER TRIM
COVERAGE
HSI48 user trimming
coverage
±32 steps
±3(3)
±3.5(3)
-%
DuCy(HSI48) Duty Cycle
-
45(2)
-55(2)
%
ACCHSI48_REL
Accuracy of the HSI48
oscillator over temperature
(factory calibrated)
VDD = 3.0 V to 3.6 V,
TA = –15 to 85 °C
--
±3(3)
%
VDD = 1.65 V to 3.6 V,
TA = –40 to 125 °C
--
±4.5(3)
DVDD(HSI48)
HSI48 oscillator frequency
drift with VDD
VDD = 3 V to 3.6 V
-
0.025(3)
0.05(3)
%
VDD = 1.65 V to 3.6 V
-
0.05(3)
0.1(3)
tsu(HSI48)
HSI48 oscillator start-up
time
--
2.5(2)
6(2)
μs
IDD(HSI48)
HSI48 oscillator power
consumption
--
340(2)
380(2)
μA
MSv39299V2
15.6
15.7
15.8
15.9
16
16.1
16.2
16.3
16.4
-40
-20
0
20406080
100
120
MHz
°C
Mean
min
max
+2 %
+1.5 %
+1 %
-1 %
-1.5 %
-2 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com