Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 18 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 18 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 14Page - Schneider Electric GV2AP02 Datasheet HTML 15Page - Schneider Electric GV2AP02 Datasheet HTML 16Page - Schneider Electric GV2AP02 Datasheet HTML 17Page - Schneider Electric GV2AP02 Datasheet HTML 18Page - Schneider Electric GV2AP02 Datasheet HTML 19Page - Schneider Electric GV2AP02 Datasheet HTML 20Page - Schneider Electric GV2AP02 Datasheet HTML 21Page - Schneider Electric GV2AP02 Datasheet HTML 22Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
17
Presentation,
description
references
Variable speed drives
Altivar Machine ATV320
Option: Dialog and configuration tool
Remote graphic display terminal
This remote graphic display terminal, common across Schneider Electric's variable
speed drive ranges, provides a user-friendly interface for configuration, debugging, and
maintenance. In particular, it is possible to transfer and store up to 4 configurations.
For portable use or mounted on an enclosure door, it can also be connected to
multiple drives (see page 17).
Its main functions are as follows:
b
The graphic screen displays 8 lines of 24 characters of plain text.
b
The navigation button provides quick and easy access to the drop-down menus.
b
It is supplied with 6 languages installed (Chinese, English, French, German,
Italian, and Spanish). The available languages can be modified using the
Multi-Loader configuration tool (VW3A8121).
Its maximum operating temperature is 60 °C/140 °F, and it features IP 54 protection;
this can be increased to IP 65 when mounted on an enclosure door.
Description
1 Graphic display: 8 lines of 24 characters, 240 x 160 pixels, large digit display
2 Function keys (not operational on the Altivar 320)
3 Navigation button:
- Rotate ±: Goes to the next/previous line, increases/decreases the value
- Press: Saves the current value (
ENT)
-
ESC key: Aborts a value, parameter, or menu to return to the previous selection
4 Motor local control keys:
-
RUN: Starts the motor
-
STOP/RESET: Stops the motor/clears detected errors
-
FWD/REV: Reverses the direction of rotation of the motor
References
Item
no.
Description
Length
m/ft
Reference
Weight
kg/lb
1
Remote graphic display terminal
A remote-mounting cordset,
VW3A1104Rppp, and an RJ45 adapter,
VW3A1105, are required
–
VW3A1101
0.180/0.396
2
Remote-mounting cordsets
equipped with 2 RJ45 connectors
Remote operation of the ATV320 and the
remote graphic display terminal VW3A1101
1.0/3.28
VW3A1104R10
0.050/0.110
3.0/9.84
VW3A1104R30
0.150/0.331
5.0/16.40
VW3A1104R50
0.250/0.551
10/32.81
VW3A1104R100
0.500/1.102
3
Female/female RJ45 adapter
–
VW3A1105
0.010/0.022
4
Remote mounting kit
For mounting on enclosure door
IP 54 degree of protection
–
VW3A1102
0.150/0.331
5
Door
Used to increase the degree of protection for
remote mounting kit VW3A1102 to IP 65
To be mounted on remote mounting kit
VW3A1102
–
VW3A1103
0.040/0.088
Additional accessories for multidrop connection
Item
no.
Description
Unit reference
Weight
kg/lb
6
Modbus splitter box: 10 RJ45 connectors and 1 screw
terminal block
LU9GC3
0.500/1.102
7
Modbus T-junction boxes With integrated cable
(0.3 m/0.98 ft)
VW3A8306TF03
–
With integrated cable
(1.0 m/3.28 ft)
VW3A8306TF10
–
8
Modbus line terminator For RJ45 connector
R = 120 W, , C = 1 nf
VW3A8306RC
sold by lots of 2
0.010/0.022
Item
no
Description
Length
m/ ft
Reference
Weight
kg/lb
9
Cordsets for Modbus
serial link
equipped with 2 RJ45
connectors
0.3/ 0.98
VW3A8306R03
0.025/0.055
1/ 3.28
VW3A8306R10
0.060/0.132
3/ 9.84
VW3A8306R30
0.130/0.287
Example of connection via multidrop link
All the components described on this page enable a remote graphic display terminal to
be connected to several drives via a multidrop link. This multidrop link is connected to the
RJ45 port on the Modbus/CANopen communication port. See the example opposite.
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
Example of connection via multidrop link
6
9
9
2
2
7
7
7 8
7
9
7
7
8
4
ATV320
ATV320
VW3A1102
1
3
3
2
4
Remote graphic display terminal
4
Portable use of the remote
graphic display terminal:
1 + 2 + 3
1
3
2
Using the remote graphic display terminal
on enclosure door:
1 + 2 + 4 (+ 5, if IP 65)
5
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com