Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 33 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 33 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 29Page - Schneider Electric GV2AP02 Datasheet HTML 30Page - Schneider Electric GV2AP02 Datasheet HTML 31Page - Schneider Electric GV2AP02 Datasheet HTML 32Page - Schneider Electric GV2AP02 Datasheet HTML 33Page - Schneider Electric GV2AP02 Datasheet HTML 34Page - Schneider Electric GV2AP02 Datasheet HTML 35Page - Schneider Electric GV2AP02 Datasheet HTML 36Page - Schneider Electric GV2AP02 Datasheet HTML 37Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
32
Presentation
Variable speed drives
Altivar machine ATV320
Communication buses and networks
Presentation
Altivar Machine ATV320 drives are designed to meet the configuration requirements
found in the main industrial communication installations.
The Modbus and CANopen communication protocols are integrated as standard and
can be accessed directly via the RJ45 communication port located on the front of the
book control block drive and underneath the front door of the compact control block
drive.
ATV320 drives can also be connected to other industrial communication buses and
networks by using one of the communication modules available as an option.
Communication modules are supplied in “cassette” format for ease of mounting/
removal.
Modbus serial link (1)
The Modbus serial link is used for connecting the following HMI and configuration tools:
b
Magelis HMI terminal
b
Remote display terminal, remote graphic display terminal
b
SoMove setup software, Simple Loader and Multi-loader configuration tools
CANopen machine bus (1) (2) (3)
The CANopen machine bus is used for integration into control system architectures,
especially when combined with Modicon M241 and M251 logic controllers or
Lexium 32 motion controllers.
Optimized solutions for connection to the CANopen machine bus
To simplify setting up the Altivar Machine ATV320 drive, 3 dedicated CANopen
communication modules (2) are available depending on the connection and
connector types:
b
CANopen daisy chain module with 2 RJ45 connectors offering an optimized
solution for daisy chain connection to the CANopen machine bus (see page 36)
b
CANopen module for connection to the bus via 9-way SUB-D connector
(see page 36)
b
CANopen module for connection to the bus via terminals (see page 37)
Using one of the CANopen communication modules also reduces the installation
dimensions compared to using
VW3CANTAP2 and TSXCANTDM4 junction boxes.
Communication modules for industrial applications (3)
The following communication modules are available:
b
Modbus TCP and EtherNet/IP
b
PROFIBUS DP V1
b
DeviceNet
b
EtherCAT
b
POWERLINK
b
ProfiNet
Description
Altivar Machine ATV320 drives with book control block have been designed to
simplify connections to communication buses and networks by means of the
following:
1 Integrated RJ45 communication port for Modbus/CANopen on the front
2 Slot for the communication module
3 Communication module
Altivar Machine ATV320 drives with compact control block are equipped as standard
with:
1 Integrated RJ45 communication port for Modbus/CANopen
The
VW3A3600 mechanical adapter for communication modules can be used to
make more communication buses and networks available by inserting the
corresponding module directly into the adapter.
2 Slot for the communication module
3 Communication module
(1) The Modbus serial link always uses the RJ45 communication port. If simultaneous use of the
Modbus serial link and the CANopen machine bus is required, a CANopen communication
module is needed.
(2) When one of the CANopen communication modules is inserted in the Altivar 320 drive,
CANopen communication via the RJ45 communication port is disabled.
(3) The Altivar 320 drive can only take one communication module.
Functions:
page 35
References:
page 35
Example of configuration on Modbus serial link
ATV320
Book
Modbus
serial link
Magelis
GTO
Example of configuration on CANopen machine bus
Sensors
Magelis
GTO
CANopen machine bus
I/O
ATV320
Book
Lexium 32
Modicon M241
ATV320
Compact
Example of installing a communication module
3
(view of underside)
1 2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com