Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 22 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 22 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 18Page - Schneider Electric GV2AP02 Datasheet HTML 19Page - Schneider Electric GV2AP02 Datasheet HTML 20Page - Schneider Electric GV2AP02 Datasheet HTML 21Page - Schneider Electric GV2AP02 Datasheet HTML 22Page - Schneider Electric GV2AP02 Datasheet HTML 23Page - Schneider Electric GV2AP02 Datasheet HTML 24Page - Schneider Electric GV2AP02 Datasheet HTML 25Page - Schneider Electric GV2AP02 Datasheet HTML 26Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
21
Presentation,
references
Variable speed drives
Altivar Machine ATV320
Option: configuration tools
Simple Loader and Multi-Loader configuration tools
The Simple Loader tool enables one drive configuration to be duplicated and
transferred to another drive (both drives must be powered up). It is connected to the
drive RJ45 communication port.
The Multi-Loader tool enables a number of configurations from a PC or drive to be
copied and loaded onto other drives (Altivar Machine ATV320 drives do not need to
be powered up when using the Multi-Loader tool).
References
Description
Reference
Weight
kg/lb
Simple Loader configuration tool
Supplied with a cordset equipped with
2 RJ45 connectors
ATV320pppp
VW3A8120
–
Multi-Loader configuration tool
Supplied with:
- 1 cordset equipped with 2 RJ45
connectors
- 1 cordset equipped with one type A
USB connector and one mini B USB
connector
- 1 SD memory card
- 1 female/female RJ45 adapter
- 4 AA/LR6 1.5 V batteries
- 1 anti-shock protector
- 1 carrying handle
ATV320pppp
VW3A8121
–
Cordset for Multi-Loader tool
For connecting the Multi-Loader tool to
the Altivar 320 drive in its packaging.
Equipped with a non-locking RJ45
connector with special mechanical
catch on the drive end and an RJ45
connector on the Multi-Loader end.s
ATV320pppp
in its packaging
VW3A8126
–
USB/RJ45 cable
equipped with a USB connector and an
RJ45 connector.
For connecting a PC to the Altivar
Machine ATV320.
Length: 2.5 m (8.20 ft.)
ATV320pppp
TCSMCNAM3M002P
VW3A8120
VW3A8121
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
Configuring an Altivar 320 in its packaging:
VW3A8121 + VW3A8126 cordset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com