Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 7 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 7 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 3Page - Schneider Electric GV2AP02 Datasheet HTML 4Page - Schneider Electric GV2AP02 Datasheet HTML 5Page - Schneider Electric GV2AP02 Datasheet HTML 6Page - Schneider Electric GV2AP02 Datasheet HTML 7Page - Schneider Electric GV2AP02 Datasheet HTML 8Page - Schneider Electric GV2AP02 Datasheet HTML 9Page - Schneider Electric GV2AP02 Datasheet HTML 10Page - Schneider Electric GV2AP02 Datasheet HTML 11Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6
Presentation
Variable speed drives
Altivar Machine ATV320
Presentation
The Altivar Machine ATV320 drive is a variable speed drive for three-phase
asynchronous and synchronous motors from 0.18 to 15 kW.
The Altivar Machine ATV320 drive is robust, simple to commission, and easy to
integrate into different machine layouts and cabinets. It can also be integrated into
commonly used automation architectures.
Altivar 320 variable speed drives are particularly suitable for applications involving
simple industrial machines.
Furthermore, Altivar Machine ATV320 embeds many practical functions so that
advanced application requirements can be covered. Altivar Machine ATV320 is
designed to improve machine performance and increase machine availability while
reducing the total machine cost.
Flexible
There are 2 different formats for products: book and compact:
b
The book format, 45 and 60 mm (1.77 and 2.63 in.) wide, is designed to be
mounted side-by-side to save significant space on the installation foot print (1).
b
The compact format, 72 to 180 mm (2.83 to 7.08 in.) wide, is designed to be
integrated in compact electrical cabinets (200 mm (7.87 in.) cabinet depth or less) or
mounted directly on the machine frame.
b
Altivar Machine ATV320 offers variety of supply possibilities:
- 200-240 V single phase: supplied products are up to 2.2 kW,
- 200-240 V three phase, 380-500 V three phase, and 525-600 V three phase:
supplied products are up to 15kW.
Advanced connectivity
Advanced connectivity allows the Altivar Machine ATV320 to operate in commonly
used automation architectures; CANopen and Modbus RTU communication
protocols are embedded and various communication fieldbus options are offered
based on:
b
Ethernet, Modbus TCP, EtherNet/IP, Profinet, EtherCAT
b
Serial, CANOpen (daisy chain), ProfibusDP
Robust design
Altivar Machine ATV320 variable speed drives can operate in harsh environment
conditions:
b
Up to 50 °C/122 °F without derating
b
Up to 60 °C/140 °F with derating without the need for an additional fan
The printed circuit boards are coated according to IEC 60721-3-3 class 3C3 for
industrial environments and 3S2 for solid particles.
Effective motor control
Control of both asynchronous and synchronous motors is both simple and effective.
Altivar Machine ATV320 offers +/- 10% accuracy of motor slip in open loop control
with asynchronous motors.
Integrated safety functions and control system functions
As standard, Altivar Machine ATV320 drives provide innovative features including
integrated safety functions and control system functions to meet the requirements of
specialized applications.
The comprehensive integrated safety function solution includes the Safe Torque Off
(STO) function for simple requirements, as well as more advanced monitoring
functions such as Safely Limited Speed (SLS), Safe Maximum Speed (SMS), Guard
Door Locking (GDL), and Safe Stop 1 (SS1).
(1) The book format products are up to 4 kW and compatible supply voltages are 200-240V
single phase and 380-500V three phase.
References:
page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com