Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 28 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 28 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 24Page - Schneider Electric GV2AP02 Datasheet HTML 25Page - Schneider Electric GV2AP02 Datasheet HTML 26Page - Schneider Electric GV2AP02 Datasheet HTML 27Page - Schneider Electric GV2AP02 Datasheet HTML 28Page - Schneider Electric GV2AP02 Datasheet HTML 29Page - Schneider Electric GV2AP02 Datasheet HTML 30Page - Schneider Electric GV2AP02 Datasheet HTML 31Page - Schneider Electric GV2AP02 Datasheet HTML 32Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
27
Presentation,
references
Variable speed drives
Altivar Machine ATV320
Option: Motor chokes
Presentation
Motor chokes
Motor chokes, also known as load reactors, can be inserted between the Altivar Machine ATV320 drive and the
motor to:
b
Limit the dv/dt at the motor terminals (500 to 1500 V/µs), for cables longer than 50 m/164.04 ft
b
Filter interference caused by the opening of a contactor placed between the filter and the motor
b
Reduce the motor ground leakage current
b
Smooth the motor current wave form to reduce motor noise
References
For drives
Losses
Cable length (1)
Nominal
current
Reference
Weight
Shielded cable Unshielded cable
W
m/ft
m/ft
A
kg/lb
Single-phase supply voltage: 200…240 V 50/60 Hz
ATV320U02M2C…U15M2C
ATV320U02M2B…U15M2B
65
y
100/328.08
y
200/656.17
10
VW3A4552
3.000/6.613
ATV320U22M2C,
ATV320U22M2B
75
y
100/328.08
y
200/656.17
16
VW3A4553
3.500/7.716
Three-phase supply voltage: 200…240 V 50/60 Hz
ATV320U02M3C...U15M3C
65
y
100/328.08
y
200/656.17
10
VW3A4552
3.000/6.613
ATV320U22M3C,
ATV320U30M3C
75
y
100/328.08
y
200/656.17
16
VW3A4553
3.500/7.716
ATV320U40M3C...U75M3C
90
y
100/328.08
y
200/656.17
30
VW3A4554
6.000/13.228
ATV320D11M3C...D15M3C
260
y
100/328.08
y
200/656.17
107
VW3A4556
16.000/35.274
Three-phase supply voltage: 380…500 V 50/60 Hz
ATV320U04N4C…U40N4C
ATV320U04N4B…U40N4B
65
y
100/328.08
y
200/656.17
10
VW3A4552
3.000/6.613
ATV320U55N4B
75
y
100/328.08
y
200/656.17
16
VW3A4553
3.500/7.716
ATV320U75N4B,
ATV320D11N4B
90
y
100/328.08
y
200/656.17
30
VW3A4554
6.000/13.228
ATV320D15N4B
80
y
100/328.08
y
200/656.17
60
VW3A4555
11.000/24.251
Three-phase supply voltage: 525…600 V 50/60 Hz
ATV320U07S6C,
ATV320U15S6C,
ATV320U22S6C,
ATV320U40S6C,
ATV320U55S6C
65
y
100/328.08
y
200/656.17
10
VW3A4552
3.000/6.613
ATV320U75S6C
75
y
100/328.08
y
200/656.17
16
VW3A4553
3.500/7.716
ATV320D11S6C,
ATV320D15S6C
75
y
100/328.08
y
200/656.17
16
VW3A4554
6.000/13.228
(1) For an application with several motors connected in parallel, the total motor cable lengths must be added together. If a cable
longer than that recommended is used, the filters may overheat.
ATV320ppppp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com