Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 10 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 10 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 6Page - Schneider Electric GV2AP02 Datasheet HTML 7Page - Schneider Electric GV2AP02 Datasheet HTML 8Page - Schneider Electric GV2AP02 Datasheet HTML 9Page - Schneider Electric GV2AP02 Datasheet HTML 10Page - Schneider Electric GV2AP02 Datasheet HTML 11Page - Schneider Electric GV2AP02 Datasheet HTML 12Page - Schneider Electric GV2AP02 Datasheet HTML 13Page - Schneider Electric GV2AP02 Datasheet HTML 14Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
9
The offer
The Altivar Machine ATV320 range of variable speed drives covers motor power
ratings from 0.18 kW/ 0.25 HP to 15 kW/20 HP with 4 types of power supply in book
and compact control block design:
b
200 V…240 V single-phase, 0.18 kW/0.25 HP to 2.2 kW/3 HP (
ATV320UppM2B,
ATV320UppM2C)
b
200 V…240 V three-phase, 0.18 kW/0.25 HP to 15 kW/20 HP (
ATV320pppM3C)
b
380 V…500 V three-phase, 0.37 kW/0.50 HP to 15 kW/20 HP (
ATV320UppN4C
and
ATV320pppN4B)
b
525 V…600 V three-phase, 0.75 kW/1 HP to 15 kW/20 HP (
ATV320pppS6C)
References ending with “B” indicate that the product has a book control block.
The book control block product has a book format up to 4 kW/5 HP (book format is no
longer available for 5.5/7 HP to 15 kW/20 HP). References ending with “C" designate
that the product has a compact control block and a compact format.
For the book format, several drives can be mounted side-by-side to save space.
Altivar Machine ATV320 drives integrate the Modbus and CANopen communication
protocols as standard. Both can be accessed via the RJ45 connector on the front of
the drive.
To simplify connection of the Altivar Machine ATV320 drive to the CANopen machine
bus, 3 dedicated communication modules are available with different connectors:
b
CANopen daisy chain module with 2 RJ45 connectors
b
CANopen module with 9-way SUB-D connector
b
CANopen module with 5-way terminal block
See pages 36 and 37.
In addition to the Modbus and CANopen standard protocols, Altivar Machine ATV320
drives can be connected to the main industrial communication buses and networks
by adding one of the following optional communication modules:
b
Modbus/TCP - Ethernet/IP
b
PROFIBUS DP V1
b
DeviceNet
b
EtherCAT
b
POWERLINK
b
ProfiNet
See page 34.
Electromagnetic compatibility (EMC)
The built-in EMC filters in
ATV320UppM2B, ATV320UppM2C, ATV320pppN4B, and
ATV320UppN4C drives and compliance with EMC requirements simplify installation
and provide an economical way for the device to meet the e mark criteria.
The EMC filter enables compliance with standard IEC 61800-3:
b
category C2 for a maximum motor cable length of:
v
10 m/32.80 ft for
ATV320UppM2B/ATV320UppM2C variable speed drives
v
5 m/16.40 ft for
ATV320U04N4p...U40N4p variable speed drives
b
category C3 for a maximum motor cable length of:
v
25 m/82.02 ft for
ATV320U55N4B...D15N4B variable speed drives.
This filter can be disconnected via a jumper.
ATV320pppM3C and ATV320pppS6C variable speed drives do not have an
integrated EMC filter. An additional EMC filter is required to enable compliance with
standard IEC 61800-3, category C2.
Additional filters are available as an option and can be installed by the customer to
reduce the level of emissions from Altivar Machine ATV320 variable speed drives. In
particular, they allow a maximum motor cable length of 100 m/328.08 ft.
See page 30.
Accessories and external options
Accessories and external options are available with Altivar Machine ATV320 drives.
The type of external accessories and options depends on the drive rating.
Accessories
b
UL Type 1 conformity kits, plates for direct mounting on 35 mm/1.38 in. rails, etc.
b
Bracket for direct mounting of GV2/ATV320UppppB circuit-breaker
b
Adapter for mounting the control module at 90°, for mounting the power module
on its side, keeping the control module visible and accessible
b
Daisy chain DC bus cordsets for daisy chain connection of the DC bus
See page 14.
Presentation (continued)
Variable speed drives
Altivar Machine ATV320
CANopen communication module
with connection via terminals
CANopen communication module
with RJ45 connectors
CANopen communication module
with SUB-D connector
ATV320U02M2B...U07M2B
ATV320U04N4B...U15N4B
ATV320U11M2B...U22M2B
ATV320U22N4B...U40N4B
ATV320U02M2C...U07M2C
ATV320U11M2C...U22M2C
ATV320U04N4C...U15N4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com