Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 4 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 4 Page - Schneider Electric

  GV2AP02 Datasheet HTML 1Page - Schneider Electric GV2AP02 Datasheet HTML 2Page - Schneider Electric GV2AP02 Datasheet HTML 3Page - Schneider Electric GV2AP02 Datasheet HTML 4Page - Schneider Electric GV2AP02 Datasheet HTML 5Page - Schneider Electric GV2AP02 Datasheet HTML 6Page - Schneider Electric GV2AP02 Datasheet HTML 7Page - Schneider Electric GV2AP02 Datasheet HTML 8Page - Schneider Electric GV2AP02 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
2
2
2
3
Altivar Machine offer
for Original Equipment
Manufacturers
Altivar Machine variable speed
drives
Application segments
General
Material handling, packaging, textiles, hoisting, mechanical actuators, material working
Packaging, material handling, material working, hoisting
Specific
Conveyors, carton packers, gantry cranes, woodworking, metal processing, fans, etc.
Palletizers, shrink wrapping machines, cardboard box folding machines, standard cranes, automatic storage systems, grouping conveyors, slitters, etc.
Degree of protection
IP20
IP20
IP20
IP20
IP20
Power range for
50..60 Hz supply
Single-phase 200..240V
0.18...2.2 kW/0.25... 3 HP
0.18...2.2 kW/0.25... 3 HP
-
Three-phase 200..240V
0.18…15 kW/0.25…20 HP
-
-
Three-phase 380..480V
-
0.75…22 kW/1…30 HP
0.75…22 kW/1…30 HP
30…75 kW/40…100 HP
Three-phase 380..500V
0.37…4 kW/0.5…5 HP
0.37…15 kW/0.5…20 HP
-
Three-phase 525…600 V
0.75 …15 kW/1…20HP
-
-
Drive
Output frequency
0.1…599 Hz
0.1…599 Hz
Control type Asynchronous motor
U/F ratio (2 points, 5 points, energy saving, quadratic), Flux vector control without sensor
(Standard and Energy saving)
Voltage vector control without sensor, Current Vector control with Sensor, U/F 5 points, Energy saving mode
Synchronous motor
Vector control without sensor
Open-loop synchronous motor control (with and without stall monitoring), closed-loop synchronous motor control, synchronous reluctance motor control
Motor sensor Integrated
-
RS422 Incremental, Sincos
-
as an option
RS422 (speed monitoring)
Digital (RS422 incremental, EnDat2.2, SSI), analog (sin/cos 1Vpp), resolver
Overload torque performance
Up to 200% Tn in an open loop
Up to 220% Tn in open loop or closed loop control
Up to 180% Tn in open or closed loop control
Functions
Advanced functions
b
Control of asynchronous and snychronous motors; including IE2, IE3 and PM motors in open
loop
b
MachineStruxure integration in SoMachine
b
Operation in Velocity mode and Torque control (with current limitation)
b
Customizable and flexible application functions with ATV Logic (up to 50 function blocks)
b
Numerous application functions for targeted application segments
b
Embedded safety functions dedicated to targeted application segments
b
Control of asynchronous, synchronous, special motors including all efficiency classes, PM motors, torque motors, conical sliding rotor, reluctance
b
Advanced MachineStruxture integration in SoMachine
b
Operation in Velocity mode, Torque mode
b
Possibility of adding I/O expansion cards, or optional encoder feedback modules
b
Numerous application functions for targeted application segments
b
Very dynamic motor control performance (up to 400 Hz speed bandwidth) and cyclic application task (1 ms)
b
Possibility of Master/Slave daisy chain through PTO/ PTI
b
Integrated Ethernet IP and Modbus TCP dual port, cyber security (Achilles Level 2)
b
Via integrated web server continuous and realtime application data with customizable dashboards
b
Master/Slave drive-to-drive link via Ethernet
Integrated safety functions
STO (up to SIL3 / PLe), SS1, SLS, SMS, GDL
STO SIL3/PLe with dual input
Number of preset speeds
16
16
Number of
integrated I/O
Analog inputs
3: 1 Bipolar differential ±10 V, 1 with Voltage ±10 V and 1 with current (0-20 mA)
2: 1 configurable (voltage/current/thermal probe) and 1 with bipolar differential ±10 V c
3: Configurable as voltage (0...±10 V c) or current
(0-20 mA/4-20 mA), including 2 for probes (PTC,
PT100, PT1000, or KTY84)
Digital inputs
6: 4 configurable (positive or negative logic), 1 with PTC probe input, 1x20kHz pulse input
5 + 2: 5 configurable (positive or negative logic) and 2 which can be configured as digital input or output
8: Configurable (positive or negative logic)
Analog outputs
1: Configurable as voltage (0...10 V) or current (0-20 mA)
1: Configurable as voltage (0...10 V c) or current (x...20 mA)
2: Configurable as voltage (0..10 V c) or current
(x...20 mA)
Digital outputs
1: Configurable as voltage or current
2: Assignable
1: Assignable
Relay outputs
2: 1 with NO/NC contacts and 1 with NC contacts
2: 1 with NO/NC contacts and 1 with NC contacts
3: 1 with NO/NC and 2 with NO contacts
Safety function inputs
1 + 4: 1 with STO and 4 configurable for safety functions from digital inputs
2: STO_A\, STO_B\ for STO safety function
2: STO_A\, STO_B\ for STO safety function
Optional I/O extension module
-
I/O expansion module and/or relay expansion module
Communication Integrated
Single port compatible with CANopen and Modbus Serial line
2 ports for Modbus serial line
Dual port for Ethernet IP/Modbus TCP, 2 ports for Modbus serial line
Optional
Ethernet IP and Modbus TCP, CANopen RJ45 Daisy Chain, Sub-D, and screw terminals,
PROFINET, Profibus DP V1, EtherCAT, and DeviceNet
CANopen RJ45 Daisy Chain, Sub-D, and screw terminals, PROFINET, Profibus DP V1, EtherCAT, and DeviceNet
Configuration and runtime tools
integrated Display, DTM (Device Type Manager), SoMove software, simple loader (optional)
and multiloader (optional)
Status display LEDs, Display (optional), DTM (Device
Type Manager), SoMove software
Status display LEDs, Embedded Web server, Display (optional), DTM (Device Type Manager), SoMove
software
Standards and certifications
IEC 61800-5-1, IEC 61800-3 (environments 1 and 2, category C2), UL 508C,
EN 954-1 category 3, ISO/EN 13849-1/- 2 category 3 (PL e), IEC 61508 (parts 1 & 2) SIL 2 level,
draft standard EN 50495E IEC 60721-3-3, classes 3C3 and 3S2
UL508C/UL61800-5-1, EN/IEC 61800-3, Environment 1 category C2, EN/IEC 61800-3, Environment 2 category C3, EN/IEC 61800-5-1, IEC 60721-3-3, classes
3C3 and 3S3, IEC 61508, IEC 13849-1, Green Premium, Reach/RoHS
e
, UL, CSA, RCM, EAC, ATEX
e
, UL, CSA, TÜV, Green Premium, RoHS EU, China
References
ATV320pppppC
ATV320pppppB
ATV340pppN4
ATV340pppN4E
See page
4
4
Please consult Altivar Machine ATV340 - Catalog, or on our web site www.schneider-electric.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com