Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 45 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 45 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 40Page - Schneider Electric GV2AP02 Datasheet HTML 41Page - Schneider Electric GV2AP02 Datasheet HTML 42Page - Schneider Electric GV2AP02 Datasheet HTML 43Page - Schneider Electric GV2AP02 Datasheet HTML 44Page - Schneider Electric GV2AP02 Datasheet HTML 45Page - Schneider Electric GV2AP02 Datasheet HTML 46Page - Schneider Electric GV2AP02 Datasheet HTML 47Page - Schneider Electric GV2AP02 Datasheet HTML 48Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
44
Dimensions (continued)
Variable speed drives
Altivar Machine ATV320
Drives with book control block
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Drives with book control block
Single-phase supply voltage: 200…240 V 50/60 Hz
Drives
W x H x D
mm
in.
ATV320U02M2B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U04M2B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U06M2B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U07M2B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U11M2B
60 x 325 x 245
2.63 x 12.8 x 9.64
ATV320U15M2B
60 x 325 x 245
2.63 x 12.8 x 9.64
ATV320U22M2B
60 x 325 x 245
2.63 x 12.8 x 9.64
Three-phase supply voltage: 380…500 V 50/60 Hz
Drives
W x H x D
mm
in.
ATV320U04N4B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U06N4B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U07N4B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U11N4B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U15N4B
45 x 325 x 245
1.77 x 12.8 x 9.64
ATV320U22N4B
60 x 325 x 245
2.63 x 12.8 x 9.64
ATV320U30N4B
60 x 325 x 245
2.63 x 12.8 x 9.64
ATV320U40N4B
60 x 325 x 245
2.63 x 12.8 x 9.64
ATV320U55N4B
150 x 232 x 232
5.90 x 9.13 x 9.13
With EMC plate
150 x 308 x 232
5.90 x 12.1 x 9.13
With UL Type 1 conformity kit
155 x 314 x 240
6.10 x 12.36 x 9.45
ATV320U75N4B
150 x 232 x 232
5.90 x 9.13 x 9.13
With EMC plate
150 x 308 x 232
5.90 x 12.1 x 9.13
With UL Type 1 conformity kit
155 x 314 x 240
6.10 x 12.36 x 9.45
ATV320D11N4B
180 x 330 x 232
7.09 x 13.0 x 9.13
With EMC plate
180 x 404 x 232
7.09 x 15.9 x 9.13
With UL Type 1 conformity kit
185 x 408.5 x 250 7.28 x 16.08 x 9.84
ATV320D15N4B
180 x 330 x 232
7.09 x 13.0 x 9.13
With EMC plate
180 x 404 x 232
7.09 x 15.9 x 9.13
With UL Type 1 conformity kit
185 x 408.5 x 250 7.28 x 16.08 x 9.84
H
W
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com