Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2AP02 Datasheet(PDF) 27 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 27 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 23Page - Schneider Electric GV2AP02 Datasheet HTML 24Page - Schneider Electric GV2AP02 Datasheet HTML 25Page - Schneider Electric GV2AP02 Datasheet HTML 26Page - Schneider Electric GV2AP02 Datasheet HTML 27Page - Schneider Electric GV2AP02 Datasheet HTML 28Page - Schneider Electric GV2AP02 Datasheet HTML 29Page - Schneider Electric GV2AP02 Datasheet HTML 30Page - Schneider Electric GV2AP02 Datasheet HTML 31Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
26
Presentation,
references
Variable speed drives
Altivar Machine ATV320
Option: Line chokes
Presentation
Line chokes
Line chokes, also known as line reactors, provide improved immunity against overvoltages on the supply mains and
can reduce harmonic distortion of the current produced by the drive.
The recommended chokes limit the line current. They have been developed in line with standard IEC 61800-5-1 (VDE
0160 level 1 high-energy overvoltages on the line supply).
The inductance values are defined for a voltage drop between 3% and 5% of the nominal line voltage. Values higher
than this will cause loss of torque.
The use of line chokes is recommended in particular under the following circumstances:
b
Supply mains with significant disturbance from other equipment (interference, overvoltages)
b
Supply mains with voltage imbalance between phases > 1.8% of nominal voltage
b
Drive supplied by a supply mains with very low impedance (in the vicinity of a power transformer 10 times more
powerful than the drive rating)
b
Installation of a large number of frequency inverters on the same supply mains
b
Reduction of overloads on the cos j correction capacitors, if the installation includes a power factor correction unit
The prospective short-circuit current at the point of connection of the drive must not exceed the maximum value
indicated in the reference tables (see page 12). The use of chokes allows connection to the following supply mains :
b
Max. Isc 22 kA for 200/240 V
b
Max. Isc 65 kA for 380/500 V
References
Drive Reference
Line current, without choke
Line current, with choke
Choke
U min. (1) U max. (1)
U min. (1) U max. (1)
Reference
Weight
A
A
A
A
kg/lb
Single-phase supply voltage: 200…240 V 50/60 Hz
ATV320U02M2C, ATV320U02M2B 3.0
2.5
2.1
1.8
VZ1L004M010
0.630/1.389
ATV320U04M2C, ATV320U04M2B 5.3
4.4
3.9
3.3
ATV320U06M2C, ATV320U06M2B 6.8
5.8
5.2
4.3
VZ1L007UM50
0.880/1.940
ATV320U07M2C, ATV320U07M2B 8.9
7.5
7.0
5.9
ATV320U11M2C, ATV320U11M2B
12.1
10.2
10.2
8.6
VZ1L018UM20
1.990/4.387
ATV320U15M2C, ATV320U15M2B 15.8
13.3
13.4
11.4
ATV320U22M2C, ATV320U22M2B 21.9
18.4
19.2
16.1
Three-phase supply voltage:200…240 V 50/60 Hz
ATV320U02M3C
2.0
1.7
1.0
0.8
VW3A4551
1.500/3.307
ATV320U04M3C
3.6
3.0
1.8
1.6
ATV320U06M3C
4.9
4.2
2.7
2.2
ATV320U07M3C
6.3
5.3
3.5
2.9
ATV320U11M3C
8.6
7.2
5.0
4.2
VW3A4552
3.000/6.613
ATV320U15M3C
11.1
9.3
6.6
5.5
ATV320U22M3C
14.9
12.5
9.3
7.9
VW3A4553
3.500/7.716
ATV320U30M3C
19.0
15.9
12.4
10.4
ATV320U40M3C
23.8
19.9
16.2
13.7
VW3A4554
6.000/13.228
ATV320U55M3C
35.4
29.8
21.6
18.1
ATV320U75M3C
45.3
38.2
28.8
24.0
ATV320D11M3C
60.9
51.4
40.9
34.4
VW3A4555
11.000/24.251
ATV320D15M3C
79.7
67.1
54.4
45.4
Three-phase supply voltage: 380…500 V 50/60 Hz
ATV320U04N4C, ATV320U04N4B
2.2
1.7
1.1
0.9
VW3A4551
1.500/3.307
ATV320U06N4C, ATV320U06N4B
2.8
2.2
1.4
1.2
ATV320U07N4C, ATV320U07N4B
3.6
2.7
1.8
1.5
ATV320U11N4C, ATV320U11N4B
4.9
3.7
2.6
2
ATV320U15N4C, ATV320U15N4B
6.4
4.8
3.4
2.6
ATV320U22N4C, ATV320U22N4B
8.9
6.7
5
4.1
VW3A4552
3.000/6.613
ATV320U30N4C, ATV320U30N4B
10.9
8.3
6.5
5.2
ATV320U40N4C, ATV320U40N4B
13.9
10.6
8.5
6.6
ATV320U55N4B
21.9
16.5
11.7
9.3
VW3A4553
3.500/7.716
ATV320U75N4B
27.7
21
15.4
12.1
ATV320D11N4B
37.2
28.4
22.5
18.1
VW3A4554
6.000/13.228
ATV320D15N4B
48.2
36.8
29.6
23.3
Three-phase supply voltage: 525…600 V 50/60 Hz (2)
ATV320U07S6C
–
–
1,5
1.4
VW3A4551
1.500/3.307
ATV320U15S6C
–
–
2,6
2.4
ATV320U22S6C
–
–
3.7
3.2
ATV320U40S6C
–
–
6.5
5.8
VW3A4552
3.000/6.613
ATV320U55S6C
–
–
8.4
7.5
VW3A4553
3.500/7.716
ATV320U75S6C
–
–
11.6
10.5
ATV320D11S6C
–
–
15.8
14,1
VW3A4554
6.000/13.228
ATV320D15S6C
–
–
22.1
20.1
(1) Nominal supply voltage
(2) ATV320pppS6C drives must not be used without a Line choke
ATV320ppppM2C
ATV320ppppM2B
2 a
ATV320ppppN4C
ATV320ppppN4B
ATV320ppppM3C
ATV320pppS6C
3 a
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com