Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
39
MASTER AND SLAVE MODE OPERATION
The WM8731/L can be configured as either a master or slave mode device. As a master mode
device the WM8731/L controls sequencing of the data and clocks on the digital audio interface. As a
slave device the WM8731/L responds with data to the clocks it receives over the digital audio
interface. The mode is set with the MS bit of the control register as shown in Table 16.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000111
Digital Audio Interface
Format
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
Table 16 Programming Master/Slave Modes
As a master mode device the WM8731/L controls the sequencing of data transfer (ADCDAT,
DACDAT) and output of clocks (BCLK, ADCLRC, DACLRC) over the digital audio interface. It uses
the timing generated from either its on-board crystal or the MCLK input as the reference for the clock
and data transitions. This is illustrated in Figure 31. ADCDAT is always an output from and DACDAT
is always an input to the WM8731/L independent of master or slave mode.
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8731
CODEC
DSP
ENCODER/
DECODER
Note: ADC and DAC can run at different rates
Figure 31 Master Mode
As a slave device the WM8731/L sequences the data transfer (ADCDAT, DACDAT) over the digital
audio interface in response to the external applied clocks (BCLK, ADCLRC, DACLRC). This is
illustrated in Figure 32.
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8731
CODEC
DSP
ENCODER/
DECODER
Note: The ADC and DAC can run at different rates
Figure 32 Slave Mode
Note that the WM8731/L relies on controlled phase relationships between audio interface BCLK,
DACLRC and the master MCLK or CLKOUT. To avoid any timing hazards, refer to the timing section
for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com