Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
46
Once the WM8731/L has acknowledged a correct address, the controller will send eight data bits
(bits B15-B8). WM8731/L will then acknowledge the sent data by pulling SDIN low for one clock
pulse. The controller will then send the remaining eight data bits (bits B7-B0) and the WM8731/L will
then acknowledge again by pulling SDIN low.
A stop condition is defined when there is a low to high transition on SDIN while SCLK is high. If a
start or stop condition is detected out of sequence at any point in the data transfer then the device
will jump to the idle condition.
After receiving a complete address and data sequence the WM8731/L returns to the idle state and
waits for another start condition. Each write to a register requires the complete sequence of start
condition, device address and R/W bit followed by the 16 register address and data bits.
POWER DOWN MODES
The WM8731/L contains power conservation modes in which various circuit blocks may be safely
powered down in order to conserve power. This is software programmable as shown in the table
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
LINEINPD
1
Line Input Power Down
1 = Enable Power Down
0 = Disable Power Down
1
MICPD
1
Microphone Input an Bias
Power Down
1 = Enable Power Down
0 = Disable Power Down
2
ADCPD
1
ADC Power Down
1 = Enable Power Down
0 = Disable Power Down
3
DACPD
1
DAC Power Down
1 = Enable Power Down
0 = Disable Power Down
4
OUTPD
1
Line Output Power Down
1 = Enable Power Down
0 = Disable Power Down
5
OSCPD
0
Oscillator Power Down
1 = Enable Power Down
0 = Disable Power Down
6
CLKOUTPD
0
CLKOUT power down
1 = Enable Power Down
0 = Disable Power Down
0000110
Power Down
Control
7
POWEROFF
1
Power Off Device
1 = Device Power Off
0 = Device Power On
Table 26 Power Conservation Modes Software Control
The power down control can be used to either a) permanently disable functions when not required in
certain applications or b) to dynamically power up and down functions depending on the operating
mode, e.g.: during playback or record. Please follow the special instructions below if dynamic
implementations are being used.
LINEINPD: Simultaneously powers down both the Line Inputs. This can be done dynamically without
any audible effects either on the ADC or to the Line Outputs in Bypass mode. This is of use when the
device enters Playback, Pause or Stop modes or the Microphone input has been selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com