Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
31
The recommended external components required to complete the application are shown in Figure 22.
AGND
R1
C1
AGND
HPOUT
Figure 22 Headphone Output Application Drawing
Recommended values are C1 = 220uF (10V electrolytic), R1 = 47k
C1 forms a DC blocking capacitor to isolate the dc of the HPOUT from the headphones. R1 form a
pull down resistor to discharge C1 to prevent the voltage at the connection to the headphones from
rising to a level that may damage the headphones.
BYPASS MODE
The WM8731/L includes a bypass mode whereby analogue line inputs are routed directly to the
analogue line outputs and headphone outputs. The scheme for this is in Figure 23.
12.5K
VMID
LINEIN
VMID
HPOUT
VMID
FROM
LINE
INPUTS
LINEOUT
FROM
DAC
BYPASS (ON)
DACSEL (OFF)
SIDETONE (OFF)
Figure 23 Signal Routing in Bypass Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com