Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
24
Or alternatively to calculate the value of Rmic to achieve a given gain, G1.
Rmic = (50k/G1) – 10k
The internal 50k and 10k resistors have a tolerance of 15%. For Rmicext = 90k G = 0.5 (-6dB) and
for Rmicext = 0 G = x10 (14dB).
The 2
nd stage comprises a 0dB gain stage that can be software configured to provide a fixed 20dB of
gain for low sensitivity microphones.
The microphone input can therefore be configured with a variable gain of between -6dB and 14dB on
the 1
st stage, and an additional fixed 0dB or 20dB on the 2nd stage. This allows for all gains to the
input signal in the range –6dB to 34dB to be catered for.
The ADC Full Scale input is 1.0V rms at AVDD = 3.3 volts. Any voltage greater than full scale will
possibly overload the ADC and cause distortion. Note that the full scale input tracks directly with
AVDD. Stage 1 and Stage 2 gains should be configured so that the ADC receives a maximum signal
equal to its full scale for maximising the signal to noise.
The software control for the MICIN is shown in Table 4. Note that the Microphone Mute only mutes
the input to the ADC, this will still allow the Microphone Input signal to pass to the line output in
Sidetone Mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MICBOOST
0
Microphone Input Level Boost
1 = Enable Boost
0 = Disable Boost
0000100
Analogue Audio
Path Control
1
MUTEMIC
1
Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
Table 4 Microphone Input Software Control
The microphone input is biased internally through the operational amplifier to VMID. Whenever the
line inputs are muted the MICIN input is kept biased to VMID using special anti-thump circuitry. This
reduces any audible clicks that may otherwise be heard when re-activating the input.
The application drawing for the microphone is shown in Figure 13.
AGND
AGND
R1
R2
C1
C2
MICIN
MICBIAS
AGND
FROM
MICROPHONE
Rmic
Figure 13 Microphone Input and Bias Application Drawing
Recommended component values are C1 = 220pF (npo ceramic), C2 = 1
µF, R1 = 680 Ω, R2 = 47k.
Rmic values depends on gain setting (see above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com