Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
45
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
The WM8731/L can be controlled using a 3-wire serial interface. SDIN is used for the program data,
SCLK is used to clock in the program data and CSB is use to latch in the program data. The 3-wire
interface protocol is shown in Figure 33.
CSB
SCLK
SDIN
B15
B6
B7
B8
B9
B10
B11
B12
B13
B14
B1
B2
B3
B4
B5
B0
Figure 33 3-Wire Serial Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CSB is edge sensitive not level sensitive. The data is latched on the rising edge of CSB.
2-WIRE SERIAL CONTROL MODE
The WM8731/L supports a 2-wire MPU serial interface. The device operates as a slave device only.
The WM8731/L has one of two slave addresses that are selected by setting the state of pin 15,
(CSB).
SDIN
SCLK
ACK
R ADDR
ACK
DATA B15-8
STOP
START
DATA B7-0
R/W
ACK
Figure 34 2-Wire Serial Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
CSB STATE
ADDRESS
0
0011010
1
0011011
Table 25 2-Wire MPU Interface Address Selection
To control the WM8731/L on the 2-wire bus the master control device must initiate a data transfer by
establishing a start condition, defined by a high to low transition on SDIN while SCLK remains high.
This indicates that an address and data transfer will follow. All peripherals on the 2-wire bus respond
to the start condition and shift in the next eight bits (7-bit address + R/W bit). The transfer is MSB
first. The 7-bit address consists of a 6-bit base address + a single programmable bit to select one of
two available addresses for this device (see table 24). If the correct address is received and the R/W
bit is ‘0’, indicating a write, then the WM8731/L will respond by pulling SDIN low on the next clock
pulse (ACK). The WM8731/L is a write only device and will only respond to the R/W bit indicating a
write. If the address is not recognised the device will return to the idle condition and wait for a new
start condition and valid address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com