Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
42
The exact sample rates achieved are defined by the relationships in Table 19 below.
ACTUAL SAMPLING RATE
BOSR=0
BOSR=1
TARGET
SAMPLING
RATE
MCLK=12.288
MCLK=11.2896
MCLK=18.432
MCLK=16.9344
kHz
kHz
kHz
kHz
kHz
8
8.018
8
8.018
8
(12.288MHz/256) x 1/6
(11.2896MHz/256) x 2/11
(18.432MHz/384) x 1/6
(16.9344MHz/384) x 2/11
32
32
32
(12.288MHz/256) x 2/3
not available
(18.432MHz/384) x 2/3
not available
44.1
44.1
44.1
not available
11.2896MHz/256
not available
16.9344MHz /384
48
48
48
12.288MHz/256
not available
18.432MHz/384
not available
88.2
88.2
88.2
not available
(11.2896MHz/256) x 2
not available
(16.9344MHz /384) x 2
96
96
96
(12.288MHz/256) x 2
not available
(18.432MHz/384) x 2
not available
Table 19 Normal Mode Actual Sample Rates
128/192fs NORMAL MODE
The Normal Mode sample rates are designed for standard 256fs and 384fs MCLK rates. However the
WM8731/L is also capable of being clocked from a 128 or 192fs MCLK for application over limited
sampling rates as shown in the table below.
SAMPLING
RATE
ADC
DAC
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
6.144
0
0
1
1
1
48
48
9.216
1
0
1
1
1
2
5.6448
0
1
1
1
1
44.1
44.1
8.4672
1
1
1
1
1
2
Table 20 128fs Normal Mode Sample Rate Look-up Table
512/768fs NORMAL MODE
512 fs and 768 fs MCLK rates can be accommodated by using the CLKIDIV2 bit (Register 8, bit 6).
The core clock to the DSP will be divided by 2 so an external 512/768 fs MCLK will become 256/384
fs internally and the device otherwise operates as in Table 16 but with MCLK at twice the specified
rate. See Table 13 for software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com