Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
30
A zero cross detect circuit is provided at the input to the headphones under the control of the LZCEN
and RZCEN bits of the headphone output control register. Using these controls the volume control
values are only updated when the input signal to the gain stage is close to the analogue ground level.
This minimises and audible clicks and zipper noise as the gain values are changed or the device
muted. Note that this circuit has no time out so if only DC levels are being applied to the gain stage
input of more than approximately 20mV, then the gain will not be updated. This zero cross function is
enabled when the LZCEN and RZCEN bit is set high during a volume register write. If there is
concern that a DC level may have blocked a volume change (one made with LZCEN or RZCEN set
high) then a subsequent volume write of the same value, but with the LZCEN or RZCEN bit set low
will force a volume update, regardless of the DC level.
LHPOUT and RHPOUT volume and zero-cross setting can be changed independently. Alternatively,
the user can lock the two channels together, allowing both to be updated simultaneously, halving the
number of serial writes required, provided that the same gain is needed for both channels. This is
achieved through writing to the HPBOTH bit of the control register. Setting LRHPBOTH whilst writing
to LHPVOL and LZCEN will simultaneously update the Right Headphone controls similarly. The
corresponding effect on updating RLHPBOTH is also achieved.
The software control is given in Table 9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LHPVOL[6:0]
1111001
( 0dB )
Left Channel Headphone Output
Volume Control
1111111 = +6dB
. . 1dB steps down to
0110000 = -73dB
0000000 to 0101111 = MUTE
7
LZCEN
0
Left Channel Zero Cross detect
Enable
1 = Enable
0 = Disable
0000010
Left
Headphone
Out
8
LRHPBOTH
0
Left to Right Channel Headphone
Volume, Mute and Zero Cross Data
Load Control
1 = Enable Simultaneous Load of
LHPVOL[6:0] and LZCEN to
RHPVOL[6:0] and RZCEN
0 = Disable Simultaneous Load
6:0
RHPVOL[6:0]
1111001
( 0dB )
Right Channel Headphone Output
Volume Control
1111111 = +6dB
. . 1dB steps down to
0110000 = -73dB
0000000 to 0101111 = MUTE
7
RZCEN
0
Right Channel Zero Cross Detect
Enable
1 = Enable
0 = Disable
0000011
Right
Headphone
Out
8
RLHPBOTH
0
Right to Left Channel Headphone
Volume, Mute and Zero Cross Data
Load Control
1 = Enable Simultaneous Load of
RHPVOL[6:0] and RZCEN to
LHPVOL[6:0] and LZCEN
0 = Disable Simultaneous Load
Table 9 Headphone Output Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com