Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
28
The DAC converts the multi-level digital audio data stream from the DAC digital filters into high
quality analogue audio.
LINE OUTPUTS
The WM8731/L provides two low impedance line outputs LLINEOUT and RLINEOUT, suitable for
driving typical line loads of impedance 10K and capacitance 50pF. The line output is used to
selectively sum the outputs from the DAC or/and the Line inputs in bypass mode.
The LLINEOUT and RLINEOUT outputs are only available at a line output level and are not level
adjustable in the analogue domain, having a fixed gain of 0dB. The level is fixed such that at the DAC
full scale level the output level is Vrms at AVDD = 3.3 volts. Note that the DAC full scale level tracks
directly with AVDD. The scheme is shown in Figure 19. The line output includes a low order audio
low pass filter for removing out-of band components from the sigma-delta DAC. Therefore no further
external filtering is required in most applications.
VMID
FROM LINE
INPUTS
LINEOUT
FROM DAC
BYPASS
TO HEADPHONE AMP
DACSEL
FROM MICROPHONE
INPUT
SIDETONE
Figure 19 Line Output Schematic
The DAC output, Line Input and microphone are summed into the Line Output. In DAC mode only the
output from the DAC is routed to the line outputs. In Bypass mode the Line Input is summed into the
Line Outputs. In Side Tone mode the Microphone Input is summed into the Line Output. These
features can be used for either over-dubbing or, if the DAC is muted, as a pure analogue bypass or
Side Tone feature, so avoiding any digital signal processing.
The line output is muted by either muting the DAC (analogue) or Soft Muting (digital) and disabling
the BYPASS and SIDETONE paths. Refer to the DAC section for more details. Whenever the DAC
is muted or the device placed into standby mode the DC voltage is maintained at the line outputs to
prevent any audible clicks from being present.
The software control for the line outputs is shown in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
BYPASS
1
Bypass Switch
1 = Enable Bypass
0 = Disable Bypass
4
DACSEL
0
DAC Select
1 = Select DAC
0 = Don’t select DAC
0000100
Analogue
Audio Path
Control
5
SIDETONE
0
Side Tone Switch
1 = Enable SideTone
0 = Disable Side Tone
Table 8 Output Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com