Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8731 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
3
PIN CONFIGURATION - 28 PIN SSOP
1
AVDD
2
AGND
3
MICBIAS
4
VMID
5
MICIN
6
RLINEIN
7
LLINEIN
8
DCVDD
9
MODE
10
CSB
SDIN
SCLK
XTO
XTI/MCLK
15
CLKOUT
DGND
ADCLRC
ADCDAT
DACDAT
DACLRC
BCLK
DBVDD
LHPOUT
HPGND
HPVDD
RHPOUT
LOUT
ROUT
11
12
13
14
16
17
18
19
20
21
22
23
24
25
28
27
26
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
AVDD
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8731SEDS
-25 to +85
oC
2.7 to 3.6V
28-lead SSOP
(Pb-free)
MSL 1
260°C
WM8731SEDS/R
-25 to +85
oC
2.7 to 3.6V
28-lead SSOP
(Pb-free,
tape and reel)
MSL 1
260°C
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com