Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 4 Page - Analog Devices

  AD8367 Datasheet HTML 1Page - Analog Devices AD8367 Datasheet HTML 2Page - Analog Devices AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8367
Rev. A | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
f = 140 MHz
Gain
Maximum gain
+43.5
dB
Minimum gain
−3.6
dB
Gain Scaling Factor
19.7
mV/dB
Gain Intercept
−5.3
dB
Noise Figure
Maximum gain
7.4
dB
Output IP3
f1 = 140 MHz, f2 = 141 MHz, VGAIN = 0.5 V
32.7
dBm
25.7
dBV rms
Output 1 dB Compression Point
VGAIN = 0.5 V
8.4
dBm
1.4
dBV rms
f = 190 MHz
Gain
Maximum gain
+43.5
dB
Minimum gain
−3.8
dB
Gain Scaling Factor
19.6
mV/dB
Gain Intercept
−5.3
dB
Noise Figure
Maximum gain
7.5
dB
Output IP3
f1 = 190 MHz, f2 = 191 MHz, VGAIN = 0.5 V
30.9
dBm
23.9
dBV rms
Output 1 dB Compression Point
VGAIN = 0.5 V
8.4
dBm
1.4
dBV rms
f = 240 MHz
Gain
Maximum gain
+43
dB
Minimum gain
−4.1
dB
Gain Scaling Factor
19.7
mV/dB
Gain Intercept
−5.2
dB
Noise Figure
Maximum gain
7.6
dB
Output IP3
f1 = 240 MHz, f2 = 241 MHz, VGAIN = 0.5 V
29.2
dBm
22.2
dBV rms
Output 1 dB Compression Point
VGAIN = 0.5 V
8.1
dBm
1.1
dBV rms
1 The output dc centering voltage is normally set at VS/2 and can be adjusted by applying a voltage to DECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com