Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8367 Datasheet HTML 12Page - Analog Devices AD8367 Datasheet HTML 13Page - Analog Devices AD8367 Datasheet HTML 14Page - Analog Devices AD8367 Datasheet HTML 15Page - Analog Devices AD8367 Datasheet HTML 16Page - Analog Devices AD8367 Datasheet HTML 17Page - Analog Devices AD8367 Datasheet HTML 18Page - Analog Devices AD8367 Datasheet HTML 19Page - Analog Devices AD8367 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8367
Rev. A | Page 16 of 24
held to within 0.1 dB of the setpoint for >35 dB range of
input levels.
The dynamics of this loop are controlled by CAGC acting in
conjunction with an on-chip equivalent resistance, RAGC, of
10 kΩ which form an effective time-constant TAGC = RAGC CAGC.
The loop thus operates as a single-pole system with a loop
bandwidth of 1/(2π TAGC). Because the gain control function is
linear in decibels, this bandwidth is independent of the absolute
signal level. Figure 36 illustrates the loop dynamics for a 30 dB
change in input signal level with CAGC = 100 pF.
–1.2
–2.2
–2.1
–2.0
–1.9
–1.8
–1.7
–1.6
–1.5
–1.4
–1.3
–50
–40
–30
–20
–10
0
10
PIN (dBm re 200
Ω)
Figure 35. Leveling Accuracy of the AGC Function
1.0
VAGC
VOUT
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
5
10
15
20
25
30
35
40
TIME (
μs)
Figure 36. AGC Response to a 32 dB Step in Input Level (f = 50 MHz)
It is important to understand that RAGC does not act as if in
shunt with CAGC. Rather, the error-correction process is that of a
true integrator, to guarantee an output that is exactly equal in
rms amplitude to the specified setpoint. For large changes in
input level, the integrating action of this loop is most apparent.
The slew rate of VAGC is determined by the peak output current
from the detector and the capacitor. Thus, for a representative
value of CAGC = 3 nF, this rate is about 20 V rms or 10 dB/μs,
while the small-signal bandwidth is 1 kHz.
Most AGC loops incorporating a true error-integrating
technique have a common weakness. When driven from an
increasingly larger signal, the AGC bias increases to reduce the
gain. However, eventually the gain falls to its minimum value,
for which further increase in this bias has no effect on the gain.
That is, the voltage on the loop capacitor is forced progressively
higher because the detector output is a current, and the AGC
bias is its integral. Consequently, there is always a precipitous
increase in this bias voltage when the input to the AD8367
exceeds that value that overdrives the detector, and because the
minimum gain is −2.5 dB, that happens for all inputs 2.5 dB
greater than the setpoint of ~350 mV rms. If possible, the user
should ensure that this limitation is preserved, preferably with a
guard-band of 5 dB to 10 dB below overload
In some cases, if driven into AGC overload, the AD8367
requires unusually long times to recover; that is, the voltage
at DETO remains at an abnormally high value and the gain is at
its lowest value. To avoid this situation, it is recommended that
a clamp be placed on the DETO pin, as shown in Figure 37.
AD8367
1
14
2
13
3
12
MODE
4
11
GAIN
5
10
DETO
6
9
ICOM
7
8
RB
RA
CAGC
0.1
μF
VAGC
Q1
2N2907
0.5V
+VS
Figure 37. External Clamp to Prevent AGC Overload.
The resistive divider network, RA and RB, should be designed
such that the base of Q1 is driven to 0.5 V.
MODIFYING THE AGC SETPOINT
If an AGC setpoint other than the internal one is desired, an
external detector must be used. Figure 38 shows a method
that uses an external true-rms detector and error integrator to
operate the AD8367 as a closed-loop AGC system with a user-
settable operating level.
The AD8361 (U2) produces a dc output level that is
proportional to the rms value of its input, taken as a sample
of the AD8367 (U1) output. This dc voltage is compared to
an externally-supplied setpoint voltage, and the difference is
integrated by the AD820 (U3) to form the gain control voltage
that is applied to the GAIN input of the AD8367 through the
divider composed of R4 and R5. This divider is included in
order to minimize overload recovery time of the loop by having
the integrator saturate at a point that only slightly overdrives the
gain control input of the AD8367. The scale factor at VAGC is
influenced by the values of R4 and R5; for the values shown, the
factor is 86 mV/dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com