Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8367 Datasheet HTML 14Page - Analog Devices AD8367 Datasheet HTML 15Page - Analog Devices AD8367 Datasheet HTML 16Page - Analog Devices AD8367 Datasheet HTML 17Page - Analog Devices AD8367 Datasheet HTML 18Page - Analog Devices AD8367 Datasheet HTML 19Page - Analog Devices AD8367 Datasheet HTML 20Page - Analog Devices AD8367 Datasheet HTML 21Page - Analog Devices AD8367 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8367
Rev. A | Page 18 of 24
380MHz
140MHz
10MHz
70MHz
–20
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
POUT (dBm INTO 200
Ω)
Figure 40. ACPR vs. Output Power for QPSK Waveform
(QPSK: 4.096 MS/s; α = 0.22; 1 User)
1.0
–2.0
–1.5
–1.0
–0.5
0
0.5
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
Vg
0.040
TIME (Seconds)
VOUT
Figure 41. AGC Dynamic Response: 8367 AGC with an External Detector
Table 6. Suggested Component Values for External AGC Detector Circuit
Modulation Type
Rate Sys/s
C1 (μF)
C2 (μF)
R2 (kΩ)
R3 (kΩ)
QPSK
1.23 M
0.0022
0.033
150
62
QPSK
4 M
0.0022
0.015
150
39
π/4 DQPSK
24.3 K
0.033
0.68
150
51
64 QAM
100 K
0.015
1.5
150
51
64 QAM
500 K
0.0068
0.33
150
62
64 QAM
4 M
0.0022
0.068
150
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com