Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices AD8367 Datasheet HTML 12Page - Analog Devices AD8367 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8367
Rev. A | Page 9 of 24
250
0
50
100
150
200
0
–120
–95
–73
–47
–25
0
500
400
300
200
100
FREQUENCY (MHz)
Figure 15. Input Resistance and Series Reactance vs. Frequency
at VGAIN = 500 mV
0
180
30
330
60
90
270
300
120
240
150
210
300mV
500mV
700mV
Figure 16. Input Reflection Coefficient vs.
Frequency from 10 MHz to 500 MHz for Multiple Values of VGAIN
70
40
45
50
55
60
65
20
15
–10
–5
0
5
10
0
500
400
300
200
100
FREQUENCY (MHz)
Figure 17. Output Resistance and Series Reactance vs.
Frequency at VGAIN = 500 mV
0
180
30
330
60
90
270
300
120
240
150
210
300mV
500mV
700mV
Figure 18. Output Reflection Coefficient vs. Frequency from
10 MHz to 500 MHz for Multiple Values of VGAIN
0.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
TIME (200ns/DIV)
VGAIN
VOUT
Figure 19. AGA Time Domain Response (3 dB Steps)
25
0
5
10
15
20
0.1
100k
10k
1k
100
10
1
FREQUENCY (kHz)
100pF
1nF
NO CAP
10pF
10nF
Figure 20. Gain vs. Frequency for Multiple Values of
HPFL Capacitor at VGAIN = 500 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com