Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices AD8367 Datasheet HTML 12Page - Analog Devices AD8367 Datasheet HTML 13Page - Analog Devices AD8367 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8367
Rev. A | Page 10 of 24
140MHz
10MHz
70MHz
240MHz
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL (dBV rms)
10MHz
70MHz
140MHz
240MHz
Figure 21. AGC RSSI (Voltage on DETO Pin) vs. Input Power at 10 MHz,
70 MHz, 140 MHz, and 240 MHz
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL (dBV rms)
+85
°C
+25
°C
–40
°C
+25
°C
–40
°C
+85
°C
Figure 22. AGC RSSI (Voltage on DETO Pin) vs.
Input Power over Temperature at 70 MHz
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2.5
2.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL (dBV rms)
16QAM
IS95FWD
256QAM
WCDMA
64QAM
SINE
Figure 23. AGC RSSI (Voltage on DETO Pin) vs. Input Power
for Various Modulation Schemes
0.8
VAGC
VOUT
0.7
0.6
0.5
0.4
–2–5
–1–5
01–5
2–5
TIME (Seconds)
CAGC = 100pF
Figure 24. AGC Time Domain Response (3 dB Step)
19.0097
19.7297
19.9097
20.0897
20.2697
GAIN SCALING (mV/dB)
Figure 25. Gain Scaling Distribution at 70 MHz
–6.4
–6.2
–6.0
–5.8
–5.6
–5.4
–5.2
–5.0
–4.8
INTERCEPT (dB)
Figure 26. Gain Intercept Distribution at 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com