Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8367 Datasheet HTML 15Page - Analog Devices AD8367 Datasheet HTML 16Page - Analog Devices AD8367 Datasheet HTML 17Page - Analog Devices AD8367 Datasheet HTML 18Page - Analog Devices AD8367 Datasheet HTML 19Page - Analog Devices AD8367 Datasheet HTML 20Page - Analog Devices AD8367 Datasheet HTML 21Page - Analog Devices AD8367 Datasheet HTML 22Page - Analog Devices AD8367 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8367
Rev. A | Page 19 of 24
EVALUATION BOARD
Figure 42 shows the schematic of the AD8367 evaluation board. The board is powered by a single supply of 2.7 V to 5.5 V.
AD8367
ICOM
1
ICOM 14
ENBL
2
HPFL 13
INPT
3
VPSI 12
MODE
4
VPSO 11
GAIN
5
VOUT 10
DETO
6
DECL
9
ICOM
7
OCOM
8
INPUT
J1
C5
10nF
CAGC
0.1
μF
C1
1
μF
CHP
10nF
RHP
100
Ω
R6
4.7
Ω
R5
4.7
Ω
VP
TP1
C4
0.1
μF
C3
0.1
μF
C2
0.1
μF
SW1
SW2
TP3
MODE
LK1
TP4
GAIN
R1
57.6
Ω
R2
174
Ω
R4
174
Ω
R7
10k
Ω
R1
57.6
Ω
OUTPUT
J2
Figure 42. Evaluation Board Schematic
Figure 43. Layout of Component Side
Figure 44. Silkscreen of Component Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com