Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 1 Page - Analog Devices

  AD8367 Datasheet HTML 1Page - Analog Devices AD8367 Datasheet HTML 2Page - Analog Devices AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
500 MHz, Linear-in-dB VGA
with AGC Detector
AD8367
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Broad-range analog variable gain: −2.5 dB to +42.5 dB
3 dB cutoff frequency of 500 MHz
Gain up and gain down modes
Linear-in-dB, scaled 20 mV/dB
Resistive ground referenced input
Nominal ZIN = 200 Ω
On-chip, square-law detector
Single-supply operation: 2.7 V to 5.5 V
APPLICATIONS
Cellular base stations
Broadband access
Power amplifier control loops
Complete, linear IF AGC amplifiers
High speed data I/O
FUNCTIONAL BLOCK DIAGRAM
VPSI
12
VPSO
11
ENBL
2
DETO
6
GAIN
5
MODE
4
ICOM
14
ICOM 1
INPT 3
ICOM 7
DECL
9
HPFL
13
VOUT
10
OCOM
8
9-STAGE ATTENUATOR BY 5dB
GAUSSIAN INTERPOLATOR
BIAS
SQUARE
LAW
DETECTOR
gm
CELLS
AD8367
Figure 1.
GENERAL DESCRIPTION
The AD8367 is a high performance 45 dB variable gain
amplifier with linear-in-dB gain control for use from low
frequencies up to several hundred megahertz. The range,
flatness, and accuracy of the gain response are achieved using
Analog Devices’ X-AMP® architecture, the most recent in a
series of powerful proprietary concepts for variable gain
applications, which far surpasses what can be achieved using
competing techniques.
The input is applied to a 9-stage, 200 Ω resistive ladder network.
Each stage has 5 dB of loss, giving a total attenuation of 45 dB.
At maximum gain, the first tap is selected; at progressively
lower gains, the tap moves smoothly and continuously toward
higher attenuation values. The attenuator is followed by a
42.5 dB fixed gain feedback amplifier—essentially an
operational amplifier with a gain bandwidth product of
100 GHz—and is very linear, even at high frequencies. The
output third order intercept is +20 dBV at 100 MHz (+27 dBm,
re 200 Ω), measured at an output level of 1 V p-p with VS = 5 V.
The analog gain-control input is scaled at 20 mV/dB and runs
from 50 mV to 950 mV. This corresponds to a gain of −2.5 dB
to +42.5 dB, respectively, when the gain up mode is selected and
+42.5 dB to −2.5 dB, respectively, when gain down mode is
selected. The gain down, or inverse, mode must be selected
when operating in AGC in which an integrated square-law
detector with an internal setpoint is used to level the output to
354 mV rms, regardless of the crest factor of the output signal.
A single external capacitor sets up the loop averaging time.
The AD8367 can be powered on or off by a voltage applied to
the ENBL pin. When this voltage is at a logic LO, the total
power dissipation drops to the milliwatt range. For a logic HI,
the chip powers up rapidly to its normal quiescent current of
26 mA at 25°C. The AD8367 is available in a 14-lead TSSOP
package for the industrial temperature range of −40°C to +85°C.


Similar Part No. - AD8367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367-EVAL AD-AD8367-EVAL Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367ARU AD-AD8367ARU Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367ARU-REEL AD-AD8367ARU-REEL Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
More results

Similar Description - AD8367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8368 AD-AD8368 Datasheet
471Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
4/06-Revision 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
Linear-in-dB VGA with AGC Detector
Sep-2017
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com