Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8367 Datasheet HTML 16Page - Analog Devices AD8367 Datasheet HTML 17Page - Analog Devices AD8367 Datasheet HTML 18Page - Analog Devices AD8367 Datasheet HTML 19Page - Analog Devices AD8367 Datasheet HTML 20Page - Analog Devices AD8367 Datasheet HTML 21Page - Analog Devices AD8367 Datasheet HTML 22Page - Analog Devices AD8367 Datasheet HTML 23Page - Analog Devices AD8367 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8367
Rev. A | Page 20 of 24
Table 7 details the various configuration options of the evaluation board.
Table 7. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins.
Not Applicable
TP3, TP4
Mode and Gain Vector Pins.
Not Applicable
SW1
VGA/AGC Select: Used to select VGA (Position A) or AGC (Position B) mode of
operation. SW2 must be set for Position A for AGC mode of operation.
SW1 = A
SW2
MODE Select. Used to select positive or negative VGA slope. Set to Position B for an
increasing gain with VGAIN, Position A for decreasing gain law.
SW2 = B
LK1
Device Enable. When LK1 is installed, the ENBL pin is connected to the positive supply
and the AD8367 is in operating mode.
LK1 = Installed
R1, R2
Input Interface. R1 and R2 are used to provide an L-pad impedance-transforming
network. The broadband matching network transforms a 50 Ω source to match a
200 Ω load with 11.5 dB of insertion loss.
R1 = 57.6 Ω (Size 0603)
R2 = 174 Ω (Size 0603)
R3, R4, C4
Output Interface. R3 and R4 are used to transform a 50 Ω load termination to look like
a 200 Ω load with 11.5 dB of insertion loss. The ac coupling capacitor, C4, can be
increased to obtain a lower high-pass corner frequency.
R3 = 57.6 Ω (Size 0603)
R4 = 174 Ω (Size 0603)
C4 = 0.1 μF (Size 0603)
C1, C2, C3, R5, R6
Power Supply Decoupling. The nominal supply decoupling consists of a 1 μF capacitor
to ground, a 4.7 Ω series resistor, and a 0.1 μF capacitor to ground. The same
decoupling network should be used on both the VPSI and VPSO supply lines.
C1 = 1 μF (Size 0603)
R5 = R6 = 4.7 Ω (Size 0805)
C2 = C3 = 0.1 μF (Size 0603)
C5
Internal Supply Decoupling. Capacitor C5 provides midsupply decoupling.
C5 = 10 nF (Size 0603)
CHP
Filter Capacitor. HPFL capacitor, sets the high-pass corner frequency.
CHP = 0.01 μF (Size 0805)
RHP = 0 Ω (Size 0603)
CAGC
AGC Filter Capacitor. Capacitor, CAGC, sets closed-loop AGC response time.
CAGC = 0.1 μF (Size 0805)
R7
Mode Pull-Up Resistor.
R7 = 10 kΩ (Size 0805)
RHP
High-Pass Filter Resistor.
RHP = 100 Ω (Size)
CHARACTERIZATION SETUP AND METHODS
Minimum-loss, L-pad matching networks were used to
interface standard 50 Ω. A test equipment to the 200 Ω input
impedance during the characterization process. Using a 57.6 Ω
shunt resistor followed by a 174 Ω series resistor provides a
broadband match between the 50 Ω test equipment and the
200 Ω device impedance, as illustrated in Figure 45. The
insertion loss of this network is 11.5 dB.
57.6
Ω
174
Ω
57.6
Ω
174
Ω
AD8367
Figure 45. Characterization Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com