Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8367
Rev. A | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, system impedance ZO = 200 Ω, VMODE = 5 V, unless otherwise noted.
50
–10
0
10
20
30
40
10
100
1000
FREQUENCY (MHz)
1V
0.9V
0.8V
0.7V
0.6V
0.5V
0.4V
0.3V
0.2V
0.1V
Figure 3. Gain vs. Frequency for Values of VGAIN
45
40
35
30
25
20
15
10
5
0
–5
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
MODE = 5V
10MHz
70MHz
140MHz
240MHz
MODE = 0V
10MHz
70MHz
140MHz
240MHz
Figure 4. Gain vs. VGAIN (Mode LO and Mode HI)
45
40
35
30
25
20
15
10
5
0
–5
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
–40
°C
+25
°C
+85
°C
Figure 5. Gain Conformance at 70 MHz for T = −40°C, +25°C, and +85°C
10
9
8
7
6
5
4
70
250
230
210
190
170
150
130
110
90
FREQUENCY (MHz)
–40
°C
+25
°C
+85
°C
`
Figure 6. NF (re 200 Ω) vs. Frequency at Maximum Gain
60
50
40
30
20
10
0
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
Figure 7. NF (re 200 Ω) vs. VGAIN at 70 MHz
40
35
30
25
20
15
10
5
0
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
70MHz
140MHz
240MHz
10MHz
Figure 8. OIP3 vs. VGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com