Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 44Page - Texas Instruments LP87702 Datasheet HTML 45Page - Texas Instruments LP87702 Datasheet HTML 46Page - Texas Instruments LP87702 Datasheet HTML 47Page - Texas Instruments LP87702 Datasheet HTML 48Page - Texas Instruments LP87702 Datasheet HTML 49Page - Texas Instruments LP87702 Datasheet HTML 50Page - Texas Instruments LP87702 Datasheet HTML 51Page - Texas Instruments LP87702 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
Table 8-13. BUCK0_CTRL_1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
BUCK0_FPWM
R/W
0h
Forces the BUCK0 converter to operate in PWM mode:
0 – Automatic transitions between PFM and PWM modes (AUTO
mode).
1 – Forced to PWM operation.
(Default from OTP memory)
3
BUCK0_RDIS_EN
R/W
1h
Enable output discharge resistor when BUCK0 is disabled:
0 – Discharge resistor disabled
1 – Discharge resistor enabled.
2-1
BUCK0_EN_PIN_CTRL
R/W
0h
Enable or disable control for BUCK0:
0x0 – only BUCK0_EN bit controls BUCK0
0x1 – BUCK0_EN bit AND EN1 pin control BUCK0
0x2 – BUCK0_EN bit AND EN2 pin control BUCK0
0x3 – BUCK0_EN bit AND EN3 pin control BUCK0
(Default from OTP memory)
0
BUCK0_EN
R/W
0h
Enable BUCK0 converter:
0 – BUCK0 converter is disabled
1 – BUCK0 converter is enabled.
(Default from OTP memory)
8.6.1.1.4 BUCK0_CTRL_2 Register (Offset = 3h) [reset = 1Ah]
BUCK0_CTRL_2 is shown in Figure 8-22 and described in Table 8-14.
Return to Table 8-9.
Figure 8-22. BUCK0_CTRL_2 Register
7
6
5
4
3
2
1
0
RESERVED
BUCK0_ILIM
BUCK0_SLEW_RATE
R/W-0h
R/W-3h
R/W-2h
Table 8-14. BUCK0_CTRL_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
0h
5-3
BUCK0_ILIM
R/W
3h
Sets the switch peak current limit of BUCK0. Can be programmed at
any time during operation:
0x0 – 1.5 A
0x1 – 2.0 A
0x2 – 2.5 A
0x3 – 3.0 A
0x4 – 3.5 A
0x5 – 4.0 A
0x6 – 4.5 A
0x7 – Reserved
(Default from OTP memory)
2-0
BUCK0_SLEW_RATE
R/W
2h
Sets the output voltage slew rate for BUCK0 converter (rising and
falling edges):
0x0 – Reserved
0x1 – Reserved
0x2 – 10 mV/μs
0x3 – 7.5 mV/μs
0x4 – 3.8 mV/μs
0x5 – 1.9 mV/μs
0x6 – 0.94 mV/μs
0x7 – 0.47 mV/μs
(Default from OTP memory)
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com