Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 75 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments LP87702 Datasheet HTML 73Page - Texas Instruments LP87702 Datasheet HTML 74Page - Texas Instruments LP87702 Datasheet HTML 75Page - Texas Instruments LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
Table 8-56. DIAG_MASK Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
VMON2_PGR_MASK
R/W
0h
Masking of VMON2 valid detection for powergood interrupt
VMON2_PG_INT in INT_DIAG register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect VMON2_PG_STAT status bit in
DIAG_STATUS register.
(Default from OTP memory)
3
VMON1_PGF_MASK
R/W
0h
Masking of VMON1 invalid detection for powergood interrupt
VMON1_PG_INT in INT_DIAG register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect VMON1_PG_STAT status bit in
DIAG_STATUS register.
(Default from OTP memory)
2
VMON1_PGR_MASK
R/W
0h
Masking of VMON1 valid detection for powergood interrupt
VMON1_PG_INT in INT_DIAG register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect VMON1_PG_STAT status bit in
DIAG_STATUS register.
(Default from OTP memory)
1
VANA_PGF_MASK
R/W
0h
Masking of VANA invalid detection for powergood interrupt
VANA_PG_INT in INT_DIAG register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect VANA_PG_STAT status bit in DIAG_STATUS
register.
(Default from OTP memory)
0
VANA_PGR_MASK
R/W
0h
Masking of VANA valid detection for powergood interrupt
VANA_PG_INT in INT_DIAG register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect VANA_PG_STAT status bit in DIAG_STATUS
register.
(Default from OTP memory)
8.6.1.1.47 SEL_I_LOAD Register (Offset = 2Eh) [reset = 0h]
SEL_I_LOAD is shown in Figure 8-65 and described in Table 8-57.
Return to Table 8-9.
Figure 8-65. SEL_I_LOAD Register
7
6
5
4
3
2
1
0
RESERVED
LOAD_CURRENT_BUCK_SELE
CT
R/W-0h
R/W-0h
Table 8-57. SEL_I_LOAD Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R/W
0h
1-0
LOAD_CURRENT_BUCK
_SELECT
R/W
0h
Start the current measurement on the selected Buck converter:
0 – BUCK0
1 – BUCK1
2 – BUCK0
3 – BUCK1
The measurement is started when register is written.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com