Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 58Page - Texas Instruments LP87702 Datasheet HTML 59Page - Texas Instruments LP87702 Datasheet HTML 60Page - Texas Instruments LP87702 Datasheet HTML 61Page - Texas Instruments LP87702 Datasheet HTML 62Page - Texas Instruments LP87702 Datasheet HTML 63Page - Texas Instruments LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
Table 8-35. PG0_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
SEL_PG0_BOOST
R/W
0h
PG0 signal source control from Boost
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
1
SEL_PG0_BUCK1
R/W
0h
PG0 signal source control from Buck1
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
0
SEL_PG0_BUCK0
R/W
0h
PG0 signal source control from Buck0
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
8.6.1.1.26 PG0_FAULT Register (Offset = 19h) [reset = 0h]
PG0_FAULT is shown in Figure 8-44 and described in Table 8-36.
Return to Table 8-9.
Figure 8-44. PG0_FAULT Register
7
6
5
4
3
2
1
0
RESERVED
PG0_FAULT_T
WARN
PG0_FAULT_V
ANA
PG0_FAULT_V
MON2
PG0_FAULT_V
MON1
PG0_FAULT_B
OOST
PG0_FAULT_B
UCK1
PG0_FAULT_B
UCK0
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-36. PG0_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
6
PG0_FAULT_TWARN
R
0h
Source for PG0 inactive signal:
0 – TWARN has not set PG0 signal inactive.
1 – TWARN is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when TWARN
is valid.
5
PG0_FAULT_VANA
R
0h
Source for PG0 inactive signal:
0 – VANA has not set PG0 signal inactive.
1 –VANA is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when VANA
input is valid.
4
PG0_FAULT_VMON2
R
0h
Source for PG0 inactive signal:
0 – VMON2 has not set PG0 signal inactive.
1 – VMON2 is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when VMON2
input is valid.
3
PG0_FAULT_VMON1
R
0h
Source for PG0 inactive signal:
0 – VMON1 has not set PG0 signal inactive.
1 – VMON1 is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when VMON1
input is valid.
2
PG0_FAULT_BOOST
R
0h
Source for PG0 inactive signal:
0 – Boost has not set PG0 signal inactive.
1 – Boost is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when Boost
output is valid.
1
PG0_FAULT_BUCK1
R
0h
Source for PG0 inactive signal:
0 – Buck1 has not set PG0 signal inactive.
1 – Buck1 is selected for PG0 signal and it has set PG0 signal
inactive. This bit can be cleared by writing '1' to this bit when Buck1
output is valid.
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
62
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com