Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 72 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments LP87702 Datasheet HTML 73Page - Texas Instruments LP87702 Datasheet HTML 74Page - Texas Instruments LP87702 Datasheet HTML 75Page - Texas Instruments LP87702 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
Return to Table 8-9.
Figure 8-60. TOP_MASK_1 Register
7
6
5
4
3
2
1
0
I_MEAS_MASK
RESERVED
SYNC_CLK_M
ASK
RESERVED
TDIE_WARN_M
ASK
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-52. TOP_MASK_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
I_MEAS_MASK
R/W
0h
Masking for load current measurement ready interrupt I_MEAS_INT
in INT_TOP_1 register.
0 – Interrupt generated
1 – Interrupt not generated.
(Default from OTP memory)
6-4
RESERVED
R/W
0h
3
SYNC_CLK_MASK
R/W
0h
Masking for external clock detection interrupt SYNC_CLK_INT in
INT_TOP_1 register:
0 – Interrupt generated
1 – Interrupt not generated.
(Default from OTP memory)
2
RESERVED
R/W
0h
1
TDIE_WARN_MASK
R/W
0h
Masking for thermal warning interrupt TDIE_WARN_INT in
INT_TOP_1 register:
0 – Interrupt generated
1 – Interrupt not generated.
This bit does not affect TDIE_WARN_STAT status bit in
TOP_STATUS register.
(Default from OTP memory)
0
RESERVED
R/W
0h
8.6.1.1.43 TOP_MASK_2 Register (Offset = 2Ah) [reset = 1h]
TOP_MASK_2 is shown in Figure 8-61 and described in Table 8-53.
Return to Table 8-9.
Figure 8-61. TOP_MASK_2 Register
7
6
5
4
3
2
1
0
RESERVED
RESET_REG_
MASK
R/W-0h
R/W-1h
Table 8-53. TOP_MASK_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
0h
0
RESET_REG_MASK
R/W
1h
Masking for register reset interrupt RESET_REG_INT in INT_TOP_2
register:
0 – Interrupt generated
1 – Interrupt not generated.
(Default from OTP memory)
8.6.1.1.44 BUCK_MASK Register (Offset = 2Bh) [reset = 0h]
BUCK_MASK is shown in Figure 8-62 and described in Table 8-54.
Return to Table 8-9.
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com