Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 51Page - Texas Instruments LP87702 Datasheet HTML 52Page - Texas Instruments LP87702 Datasheet HTML 53Page - Texas Instruments LP87702 Datasheet HTML 54Page - Texas Instruments LP87702 Datasheet HTML 55Page - Texas Instruments LP87702 Datasheet HTML 56Page - Texas Instruments LP87702 Datasheet HTML 57Page - Texas Instruments LP87702 Datasheet HTML 58Page - Texas Instruments LP87702 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
Table 8-26. GPO_CONTROL_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPO1_PG1_OD
R/W
1h
GPO1/PG1 signal type:
0 – Push-pull output (VANA level)
1 – Open-drain output
(Default from OTP memory)
6-5
GPO1_EN_PIN_CTRL
R/W
1h
Control for GPO1 output:
0x0 – only GPO1_OUT bit controls GPO1
0x1 – GPO1_OUT bit AND EN1 pin control GPO1
0x2 – GPO1_OUT bit AND EN2 pin control GPO1
0x3 – GPO1_OUT bit AND EN3 pin control GPO1
(Default from OTP memory)
4
GPO1_OUT
R/W
0h
Control for GPO1 signal (when configured to GPO1):
0 – Logic low level
1 – Logic high level
(Default from OTP memory)
3
GPO0_OD
R/W
1h
GPO0 signal type:
0 – Push-pull output (VANA level)
1 – Open-drain output
(Default from OTP memory)
2-1
GPO0_EN_PIN_CTRL
R/W
1h
Control for GPO0 output:
0x0 – only GPO0_OUT bit controls GPO0
0x1 – GPO0_OUT bit AND EN1 pin control GPO0
0x2 – GPO0_OUT bit AND EN2 pin control GPO0
0x3 – GPO0_OUT bit AND EN3 pin control GPO0
(Default from OTP memory)
0
GPO0_OUT
R/W
0h
Control for GPO0 signal:
0 – Logic low level
1 – Logic high level
(Default from OTP memory)
8.6.1.1.17 GPO_CONTROL_2 Register (Offset = 10h) [reset = Ah]
GPO_CONTROL_2 is shown in Figure 8-35 and described in Table 8-27.
Return to Table 8-9.
Figure 8-35. GPO_CONTROL_2 Register
7
6
5
4
3
2
1
0
RESERVED
GPO2_SEL
GPO1_SEL
GPO2_OD
GPO2_EN_PIN_CTRL
GPO2_OUT
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-1h
R/W-0h
Table 8-27. GPO_CONTROL_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
0h
5
GPO2_SEL
R/W
0h
CLKIN/GPO2 pin function:
0 – CLKIN
1 – GPO2
(Default from OTP memory)
4
GPO1_SEL
R/W
0h
PG1/GPO1 pin function:
0 – PG1
1 – GPO1
(Default from OTP memory)
3
GPO2_OD
R/W
1h
GPO2 signal type (when configured to GPO2):
0 – Push-pull output (VANA level)
1 – Open-drain output
(Default from OTP memory)
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com