Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 52Page - Texas Instruments LP87702 Datasheet HTML 53Page - Texas Instruments LP87702 Datasheet HTML 54Page - Texas Instruments LP87702 Datasheet HTML 55Page - Texas Instruments LP87702 Datasheet HTML 56Page - Texas Instruments LP87702 Datasheet HTML 57Page - Texas Instruments LP87702 Datasheet HTML 58Page - Texas Instruments LP87702 Datasheet HTML 59Page - Texas Instruments LP87702 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
Table 8-27. GPO_CONTROL_2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-1
GPO2_EN_PIN_CTRL
R/W
1h
Control for GPO2 output:
0x0 – only GPO2_OUT bit controls GPO2
0x1 – GPO2_OUT bit AND EN1 pin control GPO2
0x2 – GPO2_OUT bit AND EN2 pin control GPO2
0x3 – GPO2_OUT bit AND EN3 pin control GPO2
(Default from OTP memory)
0
GPO2_OUT
R/W
0h
Control for GPO2 signal (when configured to GPO2):
0 – Logic low level
1 – Logic high level
(Default from OTP memory)
8.6.1.1.18 CONFIG Register (Offset = 11h) [reset = 3Ch]
CONFIG is shown in Figure 8-36 and described in Table 8-28.
Return to Table 8-9.
Figure 8-36. CONFIG Register
7
6
5
4
3
2
1
0
STARTUP_DEL
AY_SEL
SHUTDOWN_D
ELAY_SEL
CLKIN_PD
EN3_PD
EN2_PD
EN1_PD
TDIE_WARN_L
EVEL
EN_SPREAD_
SPEC
R/W-0h
R/W-0h
R/W-1h
R/W-1h
R/W-1h
R/W-1h
R/W-0h
R/W-0h
Table 8-28. CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
STARTUP_DELAY_SEL
R/W
0h
Startup delays from control signal:
0 – 0 ms – 7.5 ms with 0.5ms steps
1 – 0ms – 15ms with 1ms steps
(Default from OTP memory)
6
SHUTDOWN_DELAY_SE
L
R/W
0h
Shutdown delays from from signal:
0 – 0ms – 7.5ms with 0.5ms steps
1 – 0ms – 15ms with 1ms steps
(Default from OTP memory)
5
CLKIN_PD
R/W
1h
Selects the pull down resistor on the CLKIN input pin.
0 – Pull-down resistor is disabled.
1 – Pull-down resistor is enabled.
(Default from OTP memory)
4
EN3_PD
R/W
1h
Selects the pull down resistor on the EN3 pin:
0 – Pull-down resistor is disabled
1 – Pull-down resistor is enabled
(Default from OTP memory)
3
EN2_PD
R/W
1h
Selects the pull down resistor on the EN2 pin:
0 – Pull-down resistor is disabled
1 – Pull-down resistor is enabled
(Default from OTP memory)
2
EN1_PD
R/W
1h
Selects the pull down resistor on the EN1 pin:
0 – Pull-down resistor is disabled
1 – Pull-down resistor is enabled
(Default from OTP memory)
1
TDIE_WARN_LEVEL
R/W
0h
Thermal warning threshold level.
0 – 125°C
1 – 140°C.
(Default from OTP memory)
0
EN_SPREAD_SPEC
R/W
0h
Enable spread spectrum feature for Buck and Boost converters.
0 – Disabled
1 – Enabled
(Default from OTP memory)
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com