Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 80 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments LP87702 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
9.2.2.1 Application Components
9.2.2.1.1 Inductor Selection
Section 9.2 shows the inductors L0, L1, and L2. The inductor's inductance and DCR affects the buck and boost
converter's control loop. Table 9-2 lists the recommended inductors, or similar ones, that should be used. Pay
attention to the inductor's saturation current and temperature rise current. Check that the saturation current
is higher than the peak current limit and the temperature rise current is higher than the maximum expected
rms output current. Section 7 shows the minimum effective inductance that ensures good performance. The
inductor's DC resistance should be less than 0.05 Ω for good efficiency at high-current condition. The inductor
AC loss (resistance) also affects conversion efficiency. Higher Q factor at switching frequency usually gives
better efficiency at light load to middle load. Shielded inductors are preferred as they radiate less noise.
Table 9-2. Recommended Inductors for Buck Converters
MANUFACTURER
PART NUMBER
VALUE
DIMENSIONS
L × W x× H (mm)
RATED DC CURRENT,
ISAT max / ITEMP max (A)
DCR typ / max
(mΩ)
MURATA
DFE252012PD-R47M
0.47 µH (20%)
2.5 × 2 × 1.2
5.2 / 4.0(1)
- / 27
TDK
TFM252012ALMAR47MTAA
0.47 µH (20%)
2.5 × 2 × 1.2
5.8 / 4.9(1)
19 / 24
(1)
Operating temperature range is up to 125°C including self temperature rise.
Table 9-3. Recommended Inductor for Boost Converters
MANUFACTURER
PART NUMBER
VALUE
DIMENSIONS
L × W x× H (mm)
RATED DC CURRENT,
ISAT max / ITEMP max (A)
DCR typ / max
(mΩ)
MURATA
DFE252012PD-1R0M
1 µH (20%)
2.5 × 2 × 1.2
3.8 / 3.2 (1)
- / 42
TDK
TFM25201ALMA1R0MTAA
1 µH (20%)
2.5 × 2 × 1.2
4.2 / 3.7 (1)
35 / 42
9.2.2.1.2 Buck Input Capacitor Selection
Section 9.2 shows the input capacitors CIN0 and CIN1. A ceramic input bypass capacitor of 10 μF is required
for both converters. Place the input capacitor as close as possible to the device's VIN_Bx pin and PGND_Bx
pin. A larger value or higher voltage rating improves the input voltage filtering. Use X7R type of capacitors, not
Y5V or F. The capacitor's DC bias characteristics must also be considered. Minimum effective input capacitance
to ensure good performance is 1.9 μF per buck input at the maximum input voltage including tolerances and
ambient temperature range. In addition, Table 9-4 shows how there must be at least 22 μF of additional
capacitance common for all the power input pins on the system power rail.
The input filter capacitor supplies current to the high-side FET switch in the first half of each cycle and reduces
the voltage ripple imposed on the input power source. A ceramic capacitor's low ESR provides the best noise
filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
sufficient ripple current rating. In addition, ferrite can be used in front of the input capacitor to reduce the EMI.
Table 9-4. Recommended Buck Input Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS LxWxH
(mm)
VOLTAGE RATING
Murata
GCM21BR71A106KE22
10 µF (10%)
0805
2 × 1.25 × 1.25
10 V
TDK
CGA4J3X7S1A106K125AB
10 µF (10%)
0805
2 × 1.25 × 1.25
10 V
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
80
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com